Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAB1002001 Datasheet(PDF) 3 Page - Power System Technology

Part # FAB1002001
Description  FAB1002001
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

FAB1002001 Datasheet(HTML) 3 Page - Power System Technology

  FAB1002001 Datasheet HTML 1Page - Power System Technology FAB1002001 Datasheet HTML 2Page - Power System Technology FAB1002001 Datasheet HTML 3Page - Power System Technology FAB1002001 Datasheet HTML 4Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
J1
Positronic 47 pts : PCIH47M400A1/AA
+V1
0V
+V2
NC
DESCRIPTION
+V4
-V5
0V
NC
0V
1 to 4
5 to 12
13 to 18
19
20
21
22
23
24
+V3
25
NC
26
FAB1002001 Rev. 00
Page 3 of 4
www.powersystemtechnology.com
Mechanical
Enable
27
+V3
28
NC
29-30
+V3
31
NC
32-33
0V
34
NC
35-36
-V3
37
NC
38-39
-V3
40
NC
41
Output OK
42
-V3
43
NC
44
0V
45
+IN
46
-IN
47



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com