Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PST21A Datasheet(PDF) 2 Page - Power System Technology

Part # PST21A
Description  AC-DC 1200W Conduction cooled
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST21A Datasheet(HTML) 2 Page - Power System Technology

  PST21A Datasheet HTML 1Page - Power System Technology PST21A Datasheet HTML 2Page - Power System Technology PST21A Datasheet HTML 3Page - Power System Technology PST21A Datasheet HTML 4Page - Power System Technology PST21A Datasheet HTML 5Page - Power System Technology PST21A Datasheet HTML 6Page - Power System Technology PST21A Datasheet HTML 7Page - Power System Technology PST21A Datasheet HTML 8Page - Power System Technology PST21A Datasheet HTML 9Page - Power System Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Input Fuse
PST21A
Page 2 of 13
www.powersystemtechnology.com
A fuse mounted inside the psu protects against damages in case of a
failure. The fuse is not user-accessible without opening the unit. In DC
mode, reverse polarity at the input is protected and will not cause the
fuse to blow .
Model
Fuse type
Ra�ng
Reference
PST21A
Li�lefuse
15A
0218015.MXP
Input Transient Protec�on
A VDR (Voltage Dependent Resistor) and a common mode input filter form
an effec�ve protec�on against input transients in severe environments.
Electrical Input Data
MIL-STD ruggedized (-M)
Meet MIL-STD 461E CE102, MIL-STD 1399-300A, MIL-STD810E shock &
vibra�ons. No Laboratory cer�fica�on.
-40°C opera�on (-T)
The thermal grade of the Vicor the DC/DC converters used and other
components are changed to comply with low ambiant temperature.
Op�ons Descrip�on
Input
Unit
Characteristics
Conditions
min typ max
Operating input voltage
85
264 Vac
Operating input voltage
120
350 Vdc
Frequency
44 50 440 Hz
Power Factor
230Vac, 50Hz, Pnom.
0,96 0,98
Input current
At Vin min
16
A
No-load input power
At Vin typ
15
W
Peak inrush current
Vin max
4
A
Start-up time
3
s
Input
ĀȀ̀
ЀȀ̀
ԀȀ̀
؀Ȁ̀
܀ȀȀ̀
ȀࠀȀ̀
܀ȀࠀȀ̀
ĀȀࠀȀ̀
ऀȀࠀȀ̀
ЀȀࠀȀ̀
਀ȀࠀȀ̀
ԀȀࠀȀ̀
଀ȀࠀȀ̀
؀ȀࠀȀ̀
ఀഀ฀ༀ؀਀ఀကᄀ
ఀഀ฀ༀĀऀȀఀကᄀ
ఀഀ฀ༀĀԀЀఀကᄀ
ఀഀ฀ༀ܀܀਀ఀကᄀ
ĀȀ̀ЀȀ̀Ԁ؀܀ࠀऀ਀
Efficiency curve - PST21A-5300-48150-550-3V375
0,00%
10,00%
20,00%
30,00%
40,00%
50,00%
60,00%
70,00%
80,00%
90,00%
100,00%
20%
40%
60%
80%
100%
Output Power
Vin=85Vac
Vin=115Vac
Vin=230Vac
Vin=264Vac
Power factor curve - PST21A-5300-48150-550-3V375
Establisment �me curve at 115Vac - PST21A-5300-48150-550-3V375
Conformal coa�ng (-V)
During manufacturing process , when V op�on is specified,
components and pcb are covered with an acrylic coa�ng to address
high level of ambiant humidity applica�on.
Heatsink (-H, -H1)
-H: a 15 mm heatsink is mounted on the baseplate with longitudinal
fins.
-H1: a 15 mm heatsink is mounted on the baseplate with transversal
fins.
Establisment �me curve at 230Vac - PST21A-5300-48150-550-3V375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com