Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PST21A Datasheet(PDF) 6 Page - Power System Technology

Part # PST21A
Description  AC-DC 1200W Conduction cooled
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST21A Datasheet(HTML) 6 Page - Power System Technology

Back Button PST21A Datasheet HTML 2Page - Power System Technology PST21A Datasheet HTML 3Page - Power System Technology PST21A Datasheet HTML 4Page - Power System Technology PST21A Datasheet HTML 5Page - Power System Technology PST21A Datasheet HTML 6Page - Power System Technology PST21A Datasheet HTML 7Page - Power System Technology PST21A Datasheet HTML 8Page - Power System Technology PST21A Datasheet HTML 9Page - Power System Technology PST21A Datasheet HTML 10Page - Power System Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electromagne�c Immunity
PST21A
Page 6 of 13
www.powersystemtechnology.com
Electromagne�c Emissions
According to EN55022A/B for PST21A-48600-48600 at 115Vac IN/800W
ĀȀ̀ЀԀ̀؀Ԁ
܀̀ࠀऀ਀
଀ఀԀ਀
ĀȀ̀ЀԀ؀؀؀܀ࠀ܀ऀ
਀଀
ఀ
Ԁഀ฀
Ԁༀက̀ᄀ̀ऀ؀̀ሀጀ
Ԁက̀᐀ᔀᘀጀ
ᜀ᠀
ᤀ
ᨀ଀
ကഀ฀
Ԁༀက̀ᄀ̀ऀ؀̀ሀጀ
Ԁက̀᐀ᔀᘀጀ
ᜀ᠀
ᬀ
ĀȀ̀ЀԀ؀؀܀ࠀ܀က
ࠀ
ᰀ؀؀؀฀
Ԁ̀ᄀ̀ऀ؀ሀጀ
ఀఀ؀̀ᜀᔀᘀጀ
ᜀ᠀
ᤀ
ĀȀ̀ЀԀ؀؀؀܀ࠀ܀ࠀ
ࠀ
ࠀ؀؀؀฀
ऀ̀ᄀ̀ऀ؀ሀጀ
ऀ؀̀᐀ᔀᘀጀ
ᜀ᠀
ᤀ
ഀ਀฀਀ࠀ
ༀ̀฀਀ကఀ؀ᄀ Āఀऀ؀ሀ਀ጀ᐀ᄀᔀ਀Ԁᘀ
ᜀ਀᠀Ȁጀᔀ؀ఀሀ਀Ԁऀ؀਀
ᤀ؀᐀Ȁ਀؀᐀̀
ᴀḀἀ !ጀ
ᤀḀ"#$̀$᐀̀ᘀ!!$
Ā#!%$ἀ᐀ጀ$&$"%̀'"ጀ%ᔀ&ἀ !̀
($᐀̀%&ጀ!)
ᤀḀ"#$̀$᐀̀ᘀ!!$
Ԁ؀̀*᐀ጀ+ༀ̀Ԁ؀,! +
Ā#!%$ἀ"%&#̀-&ጀ$̀
$ἀ&,ጀ"!,$ጀᄀ.Ḁἀጀ$
ᤀḀ"#$̀$᐀̀ᘀ!!$
Electromagne�c
Note : Built to meet EN 61000-4 -3, -6, -11, Harmonics EN 61000-3-2, Flickers EN 61000-3-3
According to EN55022A/B for PST21A-48600-48600 at 230Vac IN/1200W
According to MIL-STD461E CE102 PST21A-48600-48600-M at 220Vac IN/800W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com