Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMB12S Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # KMB12S
Description  Surge Overload Rating to 30A Peak
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

KMB12S Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  KMB12S Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd KMB12S Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd KMB12S Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd KMB12S Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Green Products
Data Sheet N1798, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
KMB12S-KMB125S
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Type Number
Symbol
KMB
12S
KMB
13S
KMB
14S
KMB
145S
KMB
15S
KMB
16S
KMB
18S
KMB
110S
KMB
115S
KMB
120S
KMB
125S
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VDC
20
30
40
45
50 60 80 100 150 200 250
V
RMS Reverse Voltage
VRMS
14
21
28
31
35 42 56
70
105 140 175
V
Average forward rectified output current
(Note 1)
@TA = 90°C
IO
1
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
30
A
I
2t Rating for Fusing (t < 8.3ms)
I
2t
5.0
A
2S
Forward Voltage (per element)
@IF =1A
VFM
0.55
0.7
0.85
0.90
0.92
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage @TA = 100°C
IRM
0.1
10
0.05
5
mA
Typical Junction Capacitance(per leg)
CJ
28
pF
Typical Thermal Resistance (per leg) (Note 2)
RθJA
75
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Note: 1. Mounted on glass epoxy PC board with 1.3mm
2 solder pad.
2. Thermal Resistance from Junction to Ambient



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com