Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMB12S Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # KMB12S
Description  Surge Overload Rating to 30A Peak
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

KMB12S Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  KMB12S Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd KMB12S Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd KMB12S Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd KMB12S Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Green Products
Data Sheet N1798, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
KMB12S-KMB125S
KMB12S-KMB125S
SINGLE PHASE 1.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
Features:
•
Schottky Brrier Chip
•
Low Power Loss, High Efficiency
•
Ideally Suited for Automatic Assembly
•
Surge Overload Rating to 30A Peak
•
Plastic Case Material has UL Flammability Classification Rating 94V-0
Mechanical Data:
•
Case: MB-S, Molded plastic
•
Terminals: Plated leads solderable per MIL-STD-202, Method 208
•
Polarity: as marked on case
•
Mounting Position: Any
•
Marking: Type Number
•
Lead Free: For RoHS / Lead Free Version
Mechanical Dimensions: In Inches/mm
MBS


Similar Part No. - KMB12S

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
KMB12S DYELEC-KMB12S Datasheet
1Mb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KMB12S ZSELEC-KMB12S Datasheet
389Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
KMB12S SMCDIODE-KMB12S Datasheet
349Kb / 5P
SINGLE PHASE 1.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
Rev. C
More results

Similar Description - KMB12S

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
KBPC10W LUGUANG-KBPC10W Datasheet
143Kb / 2P
Surge overload -240~500 Amperes peak
logo
Pulse A Technitrol Comp...
H304 PULSE-H304 Datasheet
832Kb / 4P
RoHS peak reflow temperature rating 260C
logo
Kersemi Electronic Co.,...
MBR1010FCT KERSEMI-MBR1010FCT Datasheet
258Kb / 2P
Surge overload -240~500 amperes peak
logo
Sangdest Microelectroni...
MB05S SMC-MB05S Datasheet
164Kb / 4P
Surge overload rating-30A peak
SS22A SMC-SS22A Datasheet
264Kb / 5P
Surge Overload Rating to 50A Peak
logo
DIYI Electronic Technol...
KMB32F DYELEC-KMB32F Datasheet
1Mb / 2P
Surge Overload Rating to 80A Peak
S34L DYELEC-S34L Datasheet
1Mb / 2P
Surge Overload Rating to 80A Peak
logo
Amphenol Corporation
C-L17DM53744206C309 AMPHENOL-C-L17DM53744206C309 Datasheet
112Kb / 1P
current rating-20 to 30a
C-L17DM53745207C309 AMPHENOL-C-L17DM53745207C309 Datasheet
103Kb / 1P
current rating-20 to 30a
logo
Ningbo Tianbo Ganglian ...
TRS TIANBO-TRS Datasheet
1Mb / 3P
30A 16VDC switching rating
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com