Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2587 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2587
Description  SIMPLE SWITCHER 5A Flyback Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2587 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM2587 Datasheet HTML 15Page - National Semiconductor (TI) LM2587 Datasheet HTML 16Page - National Semiconductor (TI) LM2587 Datasheet HTML 17Page - National Semiconductor (TI) LM2587 Datasheet HTML 18Page - National Semiconductor (TI) LM2587 Datasheet HTML 19Page - National Semiconductor (TI) LM2587 Datasheet HTML 20Page - National Semiconductor (TI) LM2587 Datasheet HTML 21Page - National Semiconductor (TI) LM2587 Datasheet HTML 22Page - National Semiconductor (TI) LM2587 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Typical Performance Characteristics (Continued)
Typical Boost Regulator Applications
Figure 36 and Figures 38, 39 and Figure 40 show four typical
boost applications) — one fixed and three using the adjust-
able version of the LM2587. Each drawing contains the part
number(s) and manufacturer(s) for every component. For
the fixed 12V output application, the part numbers and
manufacturers’ names for the inductor are listed in a table in
Figure 40. For applications with different output voltages, re-
fer to the
Switchers Made Simple software.
Figure 37 contains a table of standard inductors, by part number and corresponding manufacturer, for the fixed output regulator
of
Figure 36.
DS012316-21
FIGURE 35. V
OUT Response to Load Current Step
DS012316-22
FIGURE 36. +5V to +12V Boost Regulator
Coilcraft
(Note 19)
Pulse
(Note 20)
Renco
(Note 21)
Schott
(Note 22)
R4793-A
PE-53900
RL-5472-5
67146520
Note 19: Coilcraft Inc.,:
Phone: (800) 322-2645
1102 Silver Lake Road, Cary, IL 60013:
Fax: (708) 639-1469
Note 20: Pulse Engineering Inc.,:
Phone: (619) 674-8100
12220 World Trade Drive, San Diego, CA 92128:
Fax: (619) 674-8262
Note 21: Renco Electronics Inc.,:
Phone: (800) 645-5828
60 Jeffryn Blvd. East, Deer Park, NY 11729:
Fax: (516) 586-5562
Note 22: Schott Corp.,:
Phone: (612) 475-1173
1000 Parkers Lane Road, Wayzata, MN 55391:
Fax: (612) 475-1786
FIGURE 37. Inductor Selection Table
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com