Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2587 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2587
Description  SIMPLE SWITCHER 5A Flyback Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2587 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button LM2587 Datasheet HTML 18Page - National Semiconductor (TI) LM2587 Datasheet HTML 19Page - National Semiconductor (TI) LM2587 Datasheet HTML 20Page - National Semiconductor (TI) LM2587 Datasheet HTML 21Page - National Semiconductor (TI) LM2587 Datasheet HTML 22Page - National Semiconductor (TI) LM2587 Datasheet HTML 23Page - National Semiconductor (TI) LM2587 Datasheet HTML 24Page - National Semiconductor (TI) LM2587 Datasheet HTML 25Page - National Semiconductor (TI) LM2587 Datasheet HTML 26Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Application Hints (Continued)
Boost:
where V
F is the forward biased voltage of the diode and is
typically 0.5V for Schottky diodes and 0.8V for fast recovery
diodes. V
SAT is the switch saturation voltage and can be
found in the Characteristic Curves.
When no heat sink is used, the junction temperature rise is:
∆T
J = PD x θJA.
Adding the junction temperature rise to the maximum ambi-
ent temperature gives the actual operating junction tempera-
ture:
T
J = ∆TJ +TA.
If the operating junction temperature exceeds the maximum
junction temperatue in item 3 above, then a heat sink is re-
quired. When using a heat sink, the junction temperature rise
can be determined by the following:
∆T
J = PD x(θJC + θInterface + θHeat Sink)
Again, the operating junction temperature will be:
T
J = ∆TJ +TA
As before, if the maximum junction temperature is exceeded,
a larger heat sink is required (one that has a lower thermal
resistance).
Included in the
Switchers Made Simple design software is
a more precise (non-linear) thermal model that can be used
to determine junction temperature with different input-output
parameters or different component values. It can also calcu-
late the heat sink thermal resistance required to maintain the
regulator junction temperature below the maximum operat-
ing temperature.
To further simplify the flyback regulator design procedure,
National Semiconductor is making available computer de-
sign software. Switchers Made Simple software is available
ona(31⁄2") diskette for IBM compatable computers from a
National Semiconductor sales office in your area or the Na-
tional
Semiconductor
Customer
Response
Center
(1-800-272-9959).
European Magnetic Vendor
Contacts
Please contact the following addresses for details of local
distributors or representatives:
Coilcraft
21 Napier Place
Wardpark North
Cumbernauld, Scotland G68 0LL
Phone: +44 1236 730 595
Fax: +44 1236 730 627
Pulse Engineering
Dunmore Road
Tuam
Co. Galway, Ireland
Phone: +353 93 24 107
Fax: +353 93 24 459
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com