Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM20706 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # BCM20706
Description  Embedded Bluetooth 4.2 SoC with MCU, Bluetooth Transceiver, and Baseband Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20706 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button BCM20706 Datasheet HTML 9Page - Cypress Semiconductor BCM20706 Datasheet HTML 10Page - Cypress Semiconductor BCM20706 Datasheet HTML 11Page - Cypress Semiconductor BCM20706 Datasheet HTML 12Page - Cypress Semiconductor BCM20706 Datasheet HTML 13Page - Cypress Semiconductor BCM20706 Datasheet HTML 14Page - Cypress Semiconductor BCM20706 Datasheet HTML 15Page - Cypress Semiconductor BCM20706 Datasheet HTML 16Page - Cypress Semiconductor BCM20706 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
Document Number: 002-14790 Rev. *A
Page 13 of 50
CYW20706
3.7 Adaptive Frequency Hopping
The CYW20706 supports host channel classification and dynamic channel classification Adaptive Frequency Hopping
(AFH) schemes, as defined in the Bluetooth specification.
Host channel classification enables the host to set a predefined hopping map for the device to follow.
If dynamic channel classification is enabled, the device gathers link quality statistics on a channel-by-channel basis to facilitate channel
assessment and channel map selection. To provide a more accurate frequency hop map, link quality is determined using both RF and
baseband signal processing.
3.8 Collaborative Coexistence
The CYW20706 provides extensions and collaborative coexistence to the standard Bluetooth AFH for direct communication with
WLAN devices. Collaborative coexistence enables WLAN and Bluetooth to operate simultaneously in a single device. The device
supports industry-standard coexistence signaling, including 802.15.2, and supports Broadcom and third-party WLAN solutions.
3.9 Global Coexistence Interface
The CYW20706 support the proprietary Broadcom Global Coexistence Interface (GCI) which is a 2-wire interface.
The following key features are associated with the interface:
■ Enhanced coexistence data can be exchanged over GCI_SECI_IN and GCI_SECI_OUT a two-wire interface, one serial input
(GCI_SECI_IN), and one serial output (GCI_SECI_OUT). The pad configuration registers must be programmed to choose the digital
I/O pins that serve the GCI_SECI_IN and GCI_SECI_OUT function.
■ It supports generic UART communication between WLAN and Bluetooth devices.
■ To conserve power, it is disabled when inactive.
■ It supports automatic resynchronizaton upon waking from sleep mode.
■ It supports a baud rate of up to 4 Mbps.
3.9.1 SECI I/O
The CYW20706 devices have dedicated GCI_SECI_IN and GCI_SECI_OUT pins. The two pin functions can be mapped to any of
the Broadcom Global Co-existence Interface (GCI) GPIO. Pin function mapping is controlled by the configuration file that is stored in
either NVRAM or downloaded directly into on-chip RAM from the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com