Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM20706 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # BCM20706
Description  Embedded Bluetooth 4.2 SoC with MCU, Bluetooth Transceiver, and Baseband Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20706 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button BCM20706 Datasheet HTML 17Page - Cypress Semiconductor BCM20706 Datasheet HTML 18Page - Cypress Semiconductor BCM20706 Datasheet HTML 19Page - Cypress Semiconductor BCM20706 Datasheet HTML 20Page - Cypress Semiconductor BCM20706 Datasheet HTML 21Page - Cypress Semiconductor BCM20706 Datasheet HTML 22Page - Cypress Semiconductor BCM20706 Datasheet HTML 23Page - Cypress Semiconductor BCM20706 Datasheet HTML 24Page - Cypress Semiconductor BCM20706 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
Document Number: 002-14790 Rev. *A
Page 21 of 50
CYW20706
6.2 Crystal Oscillator
The CYW20706 can use an external crystal to provide a frequency reference. The recommended configuration for the crystal oscillator,
including all external components, is shown in Figure 5.
Figure 5. Recommended Oscillator Configuration
6.3 Frequency Selection
Any frequency within the range specified for the crystal and frequency reference can be used. Since bit timing is derived from the
reference frequency, the CYW20706 must have the reference frequency set correctly in order for any of the USB, UART, and PCM
interfaces to function properly.
The CYW20706 reference frequency can be selected by using BT_XTAL_STRAP_1. The typical crystal frequencies of 20 MHz and
40 MHz are supported.
The GPIO_2 needs to be tied to ground.
Clock (MHz): XTAL_Strap_1 (Pin-F2)
40:Low
20:High
If the application requires a frequencies other than these, the value can be stored in an external NVRAM. Programming the reference
frequency in NVRAM provides the maximum flexibility in the selection of the reference frequency, since any frequency within the
specified range for crystal and external frequency reference can be used. During power-on reset (POR), the device downloads the
parameter settings stored in NVRAM, which can be programmed to include the reference frequency and frequency trim values.
Typically, this is how a PC Bluetooth application is configured.
6.4 Frequency Trimming
The CYW20706 uses a fractional-N synthesizer to digitally fine-tune the frequency reference input to within ±2 ppm tuning accuracy.
This trimming function can be applied to either the crystal or an reference frequency source. Unlike the typical crystal-trimming
methods used, the CYW20706 changes the frequency using a fully digital implementation and is much more stable and unaffected
by crystal characteristics or temperature. Input impedance and loading characteristics remain unchanged on the crystal during the
trimming process and are unaffected by process and temperature variations.
The option to use or not use frequency trimming is based on the system designer’s cost trade-off between bill-of-materials (BOM) cost
of the crystal and the added manufacturing cost associated with frequency trimming. The frequency trimming value can either be
stored in the host and written to the CYW20706 as a vendor-specific HCI command or stored in NVRAM and subsequently recalled
during POR.
Frequency trimming is not a substitute for the poor use of tuning capacitors at an crystal oscillator (XTAL). Occasionally, trimming can
help alleviate hardware changes.
0  ~ 18 pF*
0  ~ 18 pF*
XOIN
XOOUT
Crystal 
Oscillator
*Capacitor value range depends on 
the manufacturer of the XTAL as well 
as board layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com