Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR024N Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # LR024N
Description  AUTOMOTIVE GRADE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

LR024N Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button LR024N Datasheet HTML 3Page - Infineon Technologies AG LR024N Datasheet HTML 4Page - Infineon Technologies AG LR024N Datasheet HTML 5Page - Infineon Technologies AG LR024N Datasheet HTML 6Page - Infineon Technologies AG LR024N Datasheet HTML 7Page - Infineon Technologies AG LR024N Datasheet HTML 8Page - Infineon Technologies AG LR024N Datasheet HTML 9Page - Infineon Technologies AG LR024N Datasheet HTML 10Page - Infineon Technologies AG LR024N Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
 
AUIRLR/U024N
11
2015-10-29
 
Qualification Information
Qualification Level
Automotive
(per AEC-Q101)
Comments: This part number(s) passed Automotive qualification. Infineon’s
Industrial and Consumer qualification level is granted by extension of the higher
Automotive level.
D-Pak
MSL1
I-Pak
ESD
Machine Model
Class M2 (+/- 150V)†
AEC-Q101-002
Human Body Model  
Class H1A (+/- 500V)†
AEC-Q101-001
Charged Device Model
Class C5 (+/- 2000V)†
AEC-Q101-005
RoHS Compliant
Yes
Moisture Sensitivity Level  
Published by
Infineon Technologies AG
81726 München, Germany
© Infineon Technologies AG 2015
All Rights Reserved.
IMPORTANT NOTICE
The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics
(“Beschaffenheitsgarantie”). With respect to any examples, hints or any typical values stated herein and/or any
information regarding the application of the product, Infineon Technologies hereby disclaims any and all warranties and
liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third
party.
In addition, any information given in this document is subject to customer’s compliance with its obligations stated in this
document and any applicable legal requirements, norms and standards concerning customer’s products and any use of
the product of Infineon Technologies in customer’s applications.
The data contained in this document is exclusively intended for technically trained staff. It is the responsibility of
customer’s technical departments to evaluate the suitability of the product for the intended application and the
completeness of the product information given in this document with respect to such application.
For further information on the product, technology, delivery terms and conditions and prices please contact your nearest
Infineon Technologies office (www.infineon.com).
WARNINGS
Due to technical requirements products may contain dangerous substances. For information on the types in question
please contact your nearest Infineon Technologies office.
Except as otherwise explicitly approved by Infineon Technologies in a written document signed by authorized
representatives of Infineon Technologies, Infineon Technologies’ products may not be used in any applications where a
failure of the product or any consequences of the use thereof can reasonably be expected to result in personal injury.
Revision History
Date
Comments
10/29/2015
 Updated datasheet with corporate template
 Corrected ordering table on page 1.
† Highest passing voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com