Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2588 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2588
Description  SIMPLE SWITCHER 5A Flyback Regulator with
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2588 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM2588 Datasheet HTML 8Page - National Semiconductor (TI) LM2588 Datasheet HTML 9Page - National Semiconductor (TI) LM2588 Datasheet HTML 10Page - National Semiconductor (TI) LM2588 Datasheet HTML 11Page - National Semiconductor (TI) LM2588 Datasheet HTML 12Page - National Semiconductor (TI) LM2588 Datasheet HTML 13Page - National Semiconductor (TI) LM2588 Datasheet HTML 14Page - National Semiconductor (TI) LM2588 Datasheet HTML 15Page - National Semiconductor (TI) LM2588 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Flyback Regulator Operation (Continued)
Typical Performance Characteristics
DS012420-24
As shown in
Figure 4, the LM2588 can be used as a flyback regulator by using a minimum number of external components. The switching waveforms of this
regulator are shown in
Figure 5. Typical Performance Characteristics observed during the operation of this circuit are shown in Figure 6.
FIGURE 4. 12V Flyback Regulator Design Example
DS012420-60
A: Switch Voltage, 10V/div
B: Switch Current, 5A/div
C: Output Rectifier Current, 5A/div
D: Output Ripple Voltage, 100 mV/div
AC-Coupled
FIGURE 5. Switching Waveforms
DS012420-61
FIGURE 6. V
OUT Response to Load Current Step
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com