Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2588 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2588
Description  SIMPLE SWITCHER 5A Flyback Regulator with
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2588 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM2588 Datasheet HTML 12Page - National Semiconductor (TI) LM2588 Datasheet HTML 13Page - National Semiconductor (TI) LM2588 Datasheet HTML 14Page - National Semiconductor (TI) LM2588 Datasheet HTML 15Page - National Semiconductor (TI) LM2588 Datasheet HTML 16Page - National Semiconductor (TI) LM2588 Datasheet HTML 17Page - National Semiconductor (TI) LM2588 Datasheet HTML 18Page - National Semiconductor (TI) LM2588 Datasheet HTML 19Page - National Semiconductor (TI) LM2588 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Typical Flyback Regulator Applications (Continued)
Transformer Selection (T)
Figure 13 lists the standard transformers available for flyback regulator applications. Included in the table are the turns ratio(s) for
each transformer, as well as the output voltages, input voltage ranges, and the maximum load currents for each circuit.
Transformer Footprints
Figure 15 through 32 show the footprints of each transformer, listed in Figure 14.
Applications
Figure 7
Figure 8
Figure 9
Figure 10
Figure 11
Figure 12
Transformers
T1
T1
T1
T2
T3
T4
V
IN
4V–6V
4V–6V
8V–16V
4V–6V
18V–36V
18V–36V
V
OUT1
3.3V
5V
12V
12V
12V
5V
I
OUT1 (Max)
1.8A
1.4A
1.2A
0.3A
1A
2.5A
N
1
1
1
1
2.5
0.8
0.35
V
OUT2
−12V
−12V
12V
I
OUT2 (Max)
0.3A
1A
0.5A
N
2
2.5
0.8
0.8
V
OUT3
−12V
I
OUT3 (Max)
0.5A
N
3
0.8
FIGURE 13. Transformer Selection Table
Transformer
Type
Manufacturers’ Part Numbers
Coilcraft
Coilcraft (Note 16)
Pulse (Note 17)
Renco
Schott
(Note 16)
Surface Mount
Surface Mount
(Note 18)
(Note 19)
T1
Q4434-B
Q4435-B
PE-68411
RL-5530
67141450
T2
Q4337-B
Q4436-B
PE-68412
RL-5531
67140860
T3
Q4343-B
—
PE-68421
RL-5534
67140920
T4
Q4344-B
—
PE-68422
RL-5535
67140930
Note 16: Coilcraft Inc.,:
Phone: (800) 322-2645
1102 Silver Lake Road, Cary, IL 60013:
Fax: (708) 639-1469
European Headquarters, 21 Napier Place:
Phone: +44 1236 730 595
Wardpark North, Cumbernauld, Scotland G68 0LL:
Fax: +44 1236 730 627
Note 17: Pulse Engineering Inc.,:
Phone: (619) 674-8100
12220 World Trade Drive, San Diego, CA 92128:
Fax: (619) 674-8262
European Headquarters, Dunmore Road:
Phone: +353 93 24 107
Tuam, Co. Galway, Ireland:
Fax: +353 93 24 459
Note 18: Renco Electronics Inc.,:
Phone: (800) 645-5828
60 Jeffryn Blvd. East, Deer Park, NY 11729:
Fax: (516) 586-5562
Note 19: Schott Corp.,:
Phone: (612) 475-1173
1000 Parkers Lane Road, Wayzata, MN 55391:
Fax: (612) 475-1786
FIGURE 14. Transformer Manufacturer Guide
T1
DS012420-31
Top View
FIGURE 15. Coilcraft Q4434-B
T2
DS012420-32
Top View
FIGURE 16. Coilcraft Q4337-B
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com