Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL811USB Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # GL811USB
Description  USB 2.0 to ATA / ATAPI Bridge Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL811USB Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button GL811USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 9Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 10Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 11Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 12Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 13Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 14Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 15Page - List of Unclassifed Manufacturers GL811USB Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
GL811USB – USB 2.0 to ATA / ATAPI Bridge Controller
©2000-2002 Genesys Logic Inc.—All rights reserved.
Page 11
6. Electrical Characteristics
6.1 Absolute Maximum Ratings
Symbol
Description
Min
Max
Unit
VCC
DC supply voltage
+3.0
+3.6
V
VI
DC input voltage
-0.3
VCC + 0.3
V
VI/O
DC input voltage range for I/O
-0.3
VCC + 0.3
V
VAI/O
DC input voltage for USB D+/D- pins
-0.3
VCC + 0.3
V
VESD
Static discharge voltage
4000
V
TA
Ambient Temperature
0
100
oC
6.2 Temperature Conditions
Item
Value
Storage Temperature
-50
oC ~ 150 oC
Operating Temperature
0
oC ~ 70 oC
6.3 DC Characteristics
6.3.1 I/O 8 Type digital pins (For pad type I/O 8 @ VCC=3.6V)
Parameter
Min
Typ
Max
Unit
Current sink @ VOL = 0.4V
7.79
10.83
14.09
mA
Current output @ VOH = 2.4V (TTL high)
16.36
19.87
23.39
mA
Falling slew rate at 30 pF loading capacitance
0.26
0.50
0.80
V/ns
Rising slew rate at 30 pF loading capacitance
0.30
0.57
0.91
V/ns
Input high threshold voltage
1.64
V
Input low threshold voltage
1.36
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com