Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2594 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2594
Description  SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2594 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2594 Datasheet HTML 1Page - National Semiconductor (TI) LM2594 Datasheet HTML 2Page - National Semiconductor (TI) LM2594 Datasheet HTML 3Page - National Semiconductor (TI) LM2594 Datasheet HTML 4Page - National Semiconductor (TI) LM2594 Datasheet HTML 5Page - National Semiconductor (TI) LM2594 Datasheet HTML 6Page - National Semiconductor (TI) LM2594 Datasheet HTML 7Page - National Semiconductor (TI) LM2594 Datasheet HTML 8Page - National Semiconductor (TI) LM2594 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LM2594/LM2594HV
SIMPLE SWITCHER® Power Converter 150 kHz 0.5A
Step-Down Voltage Regulator
General Description
The LM2594/LM2594HV series of regulators are monolithic
integrated circuits that provide all the active functions for a
step-down (buck) switching regulator, capable of driving a
0.5A load with excellent line and load regulation. These de-
vices are available in fixed output voltages of 3.3V, 5V, 12V,
and an adjustable output version, and are packaged in a
8-lead DIP and a 8-lead surface mount package.
Requiring a minimum number of external components, these
regulators are simple to use and feature internal frequency
compensation†, a fixed-frequency oscillator, and improved
line and load regulation specifications.
The LM2594/LM2594HV series operates at a switching fre-
quency of 150 kHz thus allowing smaller sized filter compo-
nents than what would be needed with lower frequency
switching regulators. Because of its high efficiency, the cop-
per traces on the printed circuit board are normally the only
heat sinking needed.
A standard series of inductors (both through hole and sur-
face mount types) are available from several different manu-
facturers optimized for use with the LM2594/LM2594HV se-
ries.
This
feature
greatly
simplifies
the
design
of
switch-mode power supplies.
Other features include a guaranteed ±4% tolerance on out-
put voltage under all conditions of input voltage and output
load conditions, and ±15% on the oscillator frequency. Ex-
ternal shutdown is included, featuring typically 85 µA
standby current. Self protection features include a two stage
frequency reducing current limit for the output switch and an
over temperature shutdown for complete protection under
fault conditions.
The LM2594HV is for applications requiring an input voltage
up to 60V.
Features
n 3.3V, 5V, 12V, and adjustable output versions
n Adjustable version output voltage range, 1.2V to 37V
(57V for the HV version)±4% max over line and load
conditions
n Available in 8-pin surface mount and DIP-8 package
n Guaranteed 0.5A output current
n Input voltage range up to 60V
n Requires only 4 external components
n 150 kHz fixed frequency internal oscillator
n TTL Shutdown capability
n Low power standby mode, IQ typically 85 µA
n High Efficiency
n Uses readily available standard inductors
n Thermal shutdown and current limit protection
Applications
n Simple high-efficiency step-down (buck) regulator
n Efficient pre-regulator for linear regulators
n On-card switching regulators
n Positive to Negative convertor
Typical Application (Fixed Output Voltage Versions)
SIMPLE SWITCHER and
Switchers Made Simple™ are registered trademarks of National Semiconductor Corporation.
DS012439-1
December 1999
© 1999 National Semiconductor Corporation
DS012439
www.national.com


Similar Part No. - LM2594

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2594 ONSEMI-LM2594 Datasheet
560Kb / 25P
0.5 A, Step-Down Switching Regulator
January, 2009 ??Rev. 0
logo
Texas Instruments
LM2594 TI1-LM2594 Datasheet
1Mb / 41P
LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594 TI1-LM2594 Datasheet
2Mb / 41P
SIMPLE SWITCHER Power Converter 150-kHz 0.5-A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2594 UMW-LM2594 Datasheet
573Kb / 13P
IC REG BUCK 12V 1.5A 8SOP
logo
ON Semiconductor
LM2594DADJG ONSEMI-LM2594DADJG Datasheet
560Kb / 25P
0.5 A, Step-Down Switching Regulator
January, 2009 ??Rev. 0
More results

Similar Description - LM2594

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2597 NSC-LM2597 Datasheet
900Kb / 34P
SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2597M-5 TI1-LM2597M-5 Datasheet
2Mb / 48P
LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2597HVM-33 TI-LM2597HVM-33 Datasheet
2Mb / 48P
LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down
LM2594MX-5 TI1-LM2594MX-5 Datasheet
1Mb / 40P
LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594N-5 TI1-LM2594N-5 Datasheet
1Mb / 40P
LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594N-ADJ TI1-LM2594N-ADJ Datasheet
1Mb / 40P
LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com