Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2594 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2594
Description  SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2594 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button LM2594 Datasheet HTML 19Page - National Semiconductor (TI) LM2594 Datasheet HTML 20Page - National Semiconductor (TI) LM2594 Datasheet HTML 21Page - National Semiconductor (TI) LM2594 Datasheet HTML 22Page - National Semiconductor (TI) LM2594 Datasheet HTML 23Page - National Semiconductor (TI) LM2594 Datasheet HTML 24Page - National Semiconductor (TI) LM2594 Datasheet HTML 25Page - National Semiconductor (TI) LM2594 Datasheet HTML 26Page - National Semiconductor (TI) LM2594 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Application Information (Continued)
The curves shown in
Figure 19 and Figure 20 show the
LM2594 junction temperature rise above ambient tempera-
ture with a 500 mA load for various input and output volt-
ages. This data was taken with the circuit operating as a
buck switcher with all components mounted on a PC board
to simulate the junction temperature under actual operating
conditions. This curve is typical, and can be used for a quick
check on the maximum junction temperature for various con-
ditions, but keep in mind that there are many factors that can
affect the junction temperature.
DELAYED STARTUP
The circuit in
Figure 21 uses the the ON /OFF pin to provide
a time delay between the time the input voltage is applied
and the time the output voltage comes up (only the circuitry
pertaining to the delayed start up is shown). As the input volt-
age rises, the charging of capacitor C1 pulls the ON /OFF pin
high, keeping the regulator off. Once the input voltage
reaches its final value and the capacitor stops charging, and
resistor R
2 pulls the ON /OFF pin low, thus allowing the cir-
cuit to start switching. Resistor R
1 is included to limit the
maximum voltage applied to the ON /OFF pin (maximum of
25V), reduces power supply noise sensitivity, and also limits
the capacitor, C1, discharge current. When high input ripple
voltage exists, avoid long delay time, because this ripple can
be coupled into the ON /OFF pin and cause problems.
This delayed startup feature is useful in situations where the
input power source is limited in the amount of current it can
deliver. It allows the input voltage to rise to a higher voltage
before the regulator starts operating. Buck regulators require
less input current at higher input voltages.
UNDERVOLTAGE LOCKOUT
Some applications require the regulator to remain off until
the input voltage reaches a predetermined voltage. An und-
ervoltage lockout feature applied to a buck regulator is
shown in
Figure 22, while Figure 23 and Figure 24 applies
the same feature to an inverting circuit. The circuit in
Figure
23 features a constant threshold voltage for turn on and turn
off (zener voltage plus approximately one volt). If hysteresis
is needed, the circuit in
Figure 24 has a turn ON voltage
which is different than the turn OFF voltage. The amount of
hysteresis is approximately equal to the value of the output
voltage. If zener voltages greater than 25V are used, an ad-
ditional 47 k
Ω resistor is needed from the ON /OFF pin to the
ground pin to stay within the 25V maximum limit of the ON
/OFF pin.
INVERTING REGULATOR
The circuit in
Figure 25 converts a positive input voltage to a
negative output voltage with a common ground. The circuit
operates by bootstrapping the regulators ground pin to the
negative output voltage, then grounding the feedback pin,
the regulator senses the inverted output voltage and regu-
lates it.
DS012439-36
FIGURE 21. Delayed Startup
DS012439-37
FIGURE 22. Undervoltage Lockout
for Buck Regulator
DS012439-38
This circuit has an ON/OFF threshold of approximately 13V.
FIGURE 23. Undervoltage Lockout for Inverting Regulator
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com