Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8390ARC Datasheet(PDF) 6 Page - Analog Devices

Part # AD8390ARC
Description  Low Power, High Output Current Differential Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8390ARC Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8390ARC Datasheet HTML 2Page - Analog Devices AD8390ARC Datasheet HTML 3Page - Analog Devices AD8390ARC Datasheet HTML 4Page - Analog Devices AD8390ARC Datasheet HTML 5Page - Analog Devices AD8390ARC Datasheet HTML 6Page - Analog Devices AD8390ARC Datasheet HTML 7Page - Analog Devices AD8390ARC Datasheet HTML 8Page - Analog Devices AD8390ARC Datasheet HTML 9Page - Analog Devices AD8390ARC Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8390
Rev. C | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
Default Conditions: VS = ±12 V or +24 V, RL = 100 Ω, G = 10, PWDN = (1,1), IADJ = NC, VOCM = float (bypassed with 0.1 μF capacitor),
TA = 25°C, unless otherwise noted. See Figure 3.
25
20
15
10
5
0
–5
–10
1
10
100
1000
FREQUENCY (MHz)
PWDN(1,0); IADJ = NC
PWDN(0,1); IADJ = VEE
PWDN(0,1); IADJ = NC
PWDN(1,0); IADJ = VEE
PWDN(1,1); IADJ = VEE
PWDN(1,1); IADJ = NC
Figure 4. Small Signal Frequency Response;
VS = ±12 V, Gain = 10, VOUT = 200 mV p-p
25
20
15
10
5
0
–5
–10
1
10
100
1000
FREQUENCY (MHz)
PWDN(0,1); IADJ = VEE
PWDN(1,0); IADJ = NC
PWDN(0,1); IADJ = NC
PWDN(1,1); IADJ = NC
PWDN(1,0); IADJ = VEE
PWDN(1,1); IADJ = VEE
Figure 5. Large Signal Frequency Response;
VS = ±12 V, Gain = 10, VOUT = 4 V p-p
–75
–70
–65
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
1
10
100
FREQUENCY (MHz)
Figure 6. Signal Feedthrough; PWDN = (0,0)
FREQUENCY (MHz)
30
25
20
15
10
5
0
–5
–10
1
10
100
1000
PWDN(1,0); IADJ = VEE
PWDN(1,1); IADJ = VEE
PWDN(1,0); IADJ = NC
PWDN(0,1); IADJ = VEE
PWDN(1,1); IADJ = NC
PWDN(0,1); IADJ = NC
Figure 7. Small Signal Frequency Response;
VS = ±5 V, Gain = 5, VOUT = 200 mV p-p
FREQUENCY (MHz)
25
20
15
10
5
0
–5
–10
1
10
100
1000
PWDN(1,0); IADJ = VEE
PWDN(1,1); IADJ = VEE
PWDN(0,1); IADJ = VEE
PWDN(1,1); IADJ = NC
PWDN(0,1); IADJ = NC
PWDN(1,0); IADJ = NC
Figure 8. Large Signal Frequency Response;
VS = ±5 V, Gain = 5, VOUT = 2 V p-p
FREQUENCY (MHz)
0.001
0.01
0.1
1
10
100
0.01
0.1
1
10
100
Figure 9. Output Impedance vs. Frequency; PWDN = (1,1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com