Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8390ARC Datasheet(PDF) 8 Page - Analog Devices

Part # AD8390ARC
Description  Low Power, High Output Current Differential Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8390ARC Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8390ARC Datasheet HTML 4Page - Analog Devices AD8390ARC Datasheet HTML 5Page - Analog Devices AD8390ARC Datasheet HTML 6Page - Analog Devices AD8390ARC Datasheet HTML 7Page - Analog Devices AD8390ARC Datasheet HTML 8Page - Analog Devices AD8390ARC Datasheet HTML 9Page - Analog Devices AD8390ARC Datasheet HTML 10Page - Analog Devices AD8390ARC Datasheet HTML 11Page - Analog Devices AD8390ARC Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8390
Rev. C | Page 8 of 16
IADJ SERIES RESISTOR (Ω)
2
3
4
5
6
7
8
9
10
11
1
10
100
1k
10k
100k
1M
PWDN(1,1)
PWDN(0,1)
PWDN(1,0)
Figure 16. Quiescent Current vs. IADJ Resistor; VS = ±12 V
TIME (
µs)
–3
–2
–1
0
1
2
3
–0.5
0.5
1.5
2.5
3.5
4.5
5.5
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
OUTPUT
PWDN PINS
Figure 17. Power-Up Time;
PWDN = (0,0) to PWDN = (1,1)
FREQUENCY (Hz)
1
10
100
10
100
100k
1M
10k
1k
10M
Figure 18. Voltage Noise (RTI)
IADJ SERIES RESISTOR (Ω)
2
1
3
4
5
6
7
8
9
1
10
100
1k
10k
100k
1M
PWDN(1,1)
PWDN(0,1)
PWDN(1,0)
Figure 19. Quiescent Current vs. IADJ Resistor; VS = ±5 V
TIME (
µs)
–3
–2
–1
0
1
2
3
–0.5
0.5
1.5
2.5
3.5
4.5
5.5
–2
02
468
10
OUTPUT
PWDN PINS
Figure 20. Power-Down Time;
PWDN = (1,1) to PWDN = (0,0)
FREQUENCY (Hz)
0.1
1.0
10
100
10
100
1k
10k
100k
1M
10M
Figure 21. Current Noise (RTI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com