Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4898LD Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4898LD
Description  1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4898LD Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4898LD Datasheet HTML 7Page - National Semiconductor (TI) LM4898LD Datasheet HTML 8Page - National Semiconductor (TI) LM4898LD Datasheet HTML 9Page - National Semiconductor (TI) LM4898LD Datasheet HTML 10Page - National Semiconductor (TI) LM4898LD Datasheet HTML 11Page - National Semiconductor (TI) LM4898LD Datasheet HTML 12Page - National Semiconductor (TI) LM4898LD Datasheet HTML 13Page - National Semiconductor (TI) LM4898LD Datasheet HTML 14Page - National Semiconductor (TI) LM4898LD Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Typical Performance Characteristics
Non-LD Specific Characteristics (Continued)
CMRR vs Frequency
V
DD = 5V, RL =8
Ω, 200mV
pp
CMRR vs Frequency
V
DD = 3V, RL =8
Ω, 200mV
pp
200737E8
200737F0
PSRR vs Common Mode Voltage
V
DD =5V
PSRR vs Common Mode Voltage
V
DD = 3V, RL =8
Ω, 217Hz, 200mV
pp
200737F2
200737F4
Application Information
DIFFERENTIAL AMPLIFIER EXPLANATION
The LM4898 is a fully differential audio amplifier that fea-
tures differential input and output stages. Internally this is
accomplished by two circuits: a differential amplifier and a
common mode feedback amplifier that adjusts the output
voltages so that the average value remains V
DD/2. When
setting the differential gain, the amplifier can be considered
to have two "halves". Each half uses an input and feedback
resistor (R
i1 and Rf1) to set its respective closed-loop gain
(see Figure 1). With R
i1=Ri2 and Rf1=Rf2, the gain is set
at -R
f/Ri for each half. This results in a differential gain of
A
VD =-Rf/Ri
(1)
It is extremely important to match the input resistors to each
other, as well as the feedback resistors to each other for best
amplifier performance. See the Proper Selection of External
Components section for more information. A differential am-
plifier works in a manner where the difference between the
two input signals is amplified. In most applications, this
would require input signals that are 180˚ out of phase with
each other. The LM4898 can be used, however, as a single
ended input amplifier while still retaining its fully differential
benefits. In fact, completely unrelated signals may be placed
on the input pins. The LM4898 simply amplifies the differ-
ence between them.
All of these applications, either single-ended or fully differ-
ential, provide what is known as a "bridged mode" output
(bridge-tied-load, BTL). This results in output signals at Vo1
and Vo2 that are 180˚ out of phase with respect to each
other. Bridged mode operation is different from the single-
ended amplifier configuration that connects the load be-
tween the amplifier output and ground. A bridged amplifier
design has distinct advantages over the single-ended con-
figuration: it provides differential drive to the load, thus dou-
bling maximum possible output swing for a specific supply
voltage. Four times the output power is possible compared
with a single-ended amplifier under the same conditions.
This increase in attainable output power assumes that the
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com