Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC166 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC166
Description  8 BIT PISO SHIFT REGISTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC166 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC166 Datasheet HTML 1Page - STMicroelectronics M54HC166 Datasheet HTML 2Page - STMicroelectronics M54HC166 Datasheet HTML 3Page - STMicroelectronics M54HC166 Datasheet HTML 4Page - STMicroelectronics M54HC166 Datasheet HTML 5Page - STMicroelectronics M54HC166 Datasheet HTML 6Page - STMicroelectronics M54HC166 Datasheet HTML 7Page - STMicroelectronics M54HC166 Datasheet HTML 8Page - STMicroelectronics M54HC166 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
M54HC166
M74HC166
October 1992
8 BIT PISO SHIFT REGISTER
B1R
(Plastic Package)
ORDER CODES :
M54HC166F1R
M74HC166M1R
M74HC166B1R
M74HC166C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Inter-
nal Con-
DESCRIPTION
.
HIGH SPEED
fMAX = 57 MHz (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
|IOH|= IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE WITH
54/74LS166
The M54/74HC166 is a high speed C
2MOS 8 BIT
PISO SHIFT REGISTER fabricated in silicon gate
C
2MOS technology. It has the same high speed per-
formance of LSTTL combined with true CMOS low
power consumption.
It consists of parallel or serial inputs and a serial-out
8-bit shift register with gated clock inputs and an
overriding clear input. The parallel-in or serial-in
modes are controlled by the SHIFT/LOAD input.
When the SHIFT/LOAD input is held high, the serial
data input is enabled and the eight flip-flops perform
serial shifting with each clock pulse. When held low,
the parallel data inputs are enabled and syn-
chronous loading occurs on the next clock pulse.
Clocking is accomplished on the low-to-high level
edge of the clock pulse. The CLOCK-INHIBIT input
should be changed to the high only while the
CLOCK input is held high. A direct clear input over-
rides all other inputs, including the clock, and sets
all flip-flops to zero. Functional details are shown in
the truth table and the timing chart.
All inputs are equipped with protection circuits
against static discharge and transient excess volt-
age.
1/13


Similar Part No. - M54HC166

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC166 STMICROELECTRONICS-M54HC166 Datasheet
334Kb / 11P
RAD-HARD 8 BIT PISO SHIFT REGISTER
Mar-2004
M54HC166 STMICROELECTRONICS-M54HC166 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC166D STMICROELECTRONICS-M54HC166D Datasheet
334Kb / 11P
RAD-HARD 8 BIT PISO SHIFT REGISTER
Mar-2004
M54HC166D STMICROELECTRONICS-M54HC166D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC166D1 STMICROELECTRONICS-M54HC166D1 Datasheet
334Kb / 11P
RAD-HARD 8 BIT PISO SHIFT REGISTER
Mar-2004
More results

Similar Description - M54HC166

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
8-BIT SHIFT REGISTER
1996 REV 3
logo
STMicroelectronics
M54HCT165 STMICROELECTRONICS-M54HCT165 Datasheet
277Kb / 13P
8 BIT PISO SHIFT REGISTER
Oct-1993
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
8-bit Shift Register
logo
STMicroelectronics
M54HC165 STMICROELECTRONICS-M54HC165 Datasheet
316Kb / 12P
RAD-HARD 8 BIT PISO SHIFT REGISTER
Mar-2004
M74HC165 STMICROELECTRONICS-M74HC165 Datasheet
475Kb / 12P
8 BIT PISO SHIFT REGISTER
Jul-2001
M74HC166 STMICROELECTRONICS-M74HC166 Datasheet
506Kb / 12P
8 BIT PISO SHIFT REGISTER
Jul-2001
M54HC166 STMICROELECTRONICS-M54HC166_04 Datasheet
334Kb / 11P
RAD-HARD 8 BIT PISO SHIFT REGISTER
Mar-2004
M74HC165 STMICROELECTRONICS-M74HC165_08 Datasheet
362Kb / 21P
8-bit PISO shift register
26-May-2008
logo
Renesas Technology Corp
HD74HC95 RENESAS-HD74HC95 Datasheet
90Kb / 7P
8-bit Shift Register
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com