Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC166 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M54HC166
Description  8 BIT PISO SHIFT REGISTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC166 Datasheet(HTML) 5 Page - STMicroelectronics

  M54HC166 Datasheet HTML 1Page - STMicroelectronics M54HC166 Datasheet HTML 2Page - STMicroelectronics M54HC166 Datasheet HTML 3Page - STMicroelectronics M54HC166 Datasheet HTML 4Page - STMicroelectronics M54HC166 Datasheet HTML 5Page - STMicroelectronics M54HC166 Datasheet HTML 6Page - STMicroelectronics M54HC166 Datasheet HTML 7Page - STMicroelectronics M54HC166 Datasheet HTML 8Page - STMicroelectronics M54HC166 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DC SPECIFICATIONS
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
2.0
1.5
1.5
1.5
V
4.5
3.15
3.15
3.15
6.0
4.2
4.2
4.2
VIL
Low Level Input
Voltage
2.0
0.5
0.5
0.5
V
4.5
1.35
1.35
1.35
6.0
1.8
1.8
1.8
VOH
High Level
Output Voltage
2.0
VI =
VIH
or
VIL
IO=-20
µA
1.9
2.0
1.9
1.9
V
4.5
4.4
4.5
4.4
4.4
6.0
5.9
6.0
5.9
5.9
4.5
IO=-4.0 mA
4.18
4.31
4.13
4.10
6.0
IO=-5.2 mA
5.68
5.8
5.63
5.60
VOL
Low Level Output
Voltage
2.0
VI =
VIH
or
VIL
IO=20
µA
0.0
0.1
0.1
0.1
V
4.5
0.0
0.1
0.1
0.1
6.0
0.0
0.1
0.1
0.1
4.5
IO= 4.0 mA
0.17
0.26
0.33
0.40
6.0
IO= 5.2 mA
0.18
0.26
0.33
0.40
II
Input Leakage
Current
6.0
VI =VCC or GND
±0.1
±1
±1
µA
ICC
Quiescent Supply
Current
6.0
VI =VCC or GND
4
40
80
µA
M54/M74HC166
5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com