Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2599 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2599
Description  SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2599 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button LM2599 Datasheet HTML 23Page - National Semiconductor (TI) LM2599 Datasheet HTML 24Page - National Semiconductor (TI) LM2599 Datasheet HTML 25Page - National Semiconductor (TI) LM2599 Datasheet HTML 26Page - National Semiconductor (TI) LM2599 Datasheet HTML 27Page - National Semiconductor (TI) LM2599 Datasheet HTML 28Page - National Semiconductor (TI) LM2599 Datasheet HTML 29Page - National Semiconductor (TI) LM2599 Datasheet HTML 30Page - National Semiconductor (TI) LM2599 Datasheet HTML 31Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Application Information (Continued)
quirement however, that there be a minimum load of 1.2A on
the regulated positive output for the charge pump to work
correctly. Also, resistor R1 is required to limit the charging
current of C1 to some value less than the LM2599 current
limit (typically 4.5A).
This method of generating a negative output voltage without
an additional inductor can be used with other members of
the Simple Switcher Family, using either the buck or boost
topology.
TYPICAL THROUGH HOLE PC BOARD LAYOUT, FIXED OUTPUT (1X SIZE), DOUBLE SIDED
DS012582-48
FIGURE 31. Charge Pump for Generating a
Low Current, Negative Output Voltage
DS012582-51
CIN:
— 470 µF, 50V, Aluminum Electrolytic Panasonic, “HFQ Series”
COUT:
— 330 µF, 35V, Aluminum Electrolytic Panasonic, “HFQ Series”
D1:
— 5A, 40V Schottky Rectifier, 1N5825
L1:
— 47 µH, L39, Renco, Through Hole
RPULL UP:
— 10k
CDELAY:
— 0.1 µF
CSD/SS:
— 0.1 µF
Thermalloy Heat Sink #7020
www.national.com
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com