Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2599 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2599
Description  SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2599 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM2599 Datasheet HTML 14Page - National Semiconductor (TI) LM2599 Datasheet HTML 15Page - National Semiconductor (TI) LM2599 Datasheet HTML 16Page - National Semiconductor (TI) LM2599 Datasheet HTML 17Page - National Semiconductor (TI) LM2599 Datasheet HTML 18Page - National Semiconductor (TI) LM2599 Datasheet HTML 19Page - National Semiconductor (TI) LM2599 Datasheet HTML 20Page - National Semiconductor (TI) LM2599 Datasheet HTML 21Page - National Semiconductor (TI) LM2599 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Block Diagram
Application Information
PIN FUNCTIONS
+V
IN (Pin 1) — This is the positive input supply for the IC
switching regulator. A suitable input bypass capacitor must
be present at this pin to minimize voltage transients and to
supply the switching currents needed by the regulator.
Ground (Pin 4) — Circuit ground.
Output (Pin 2) — Internal switch. The voltage at this pin
switches between approximately (+V
IN −VSAT) and approxi-
mately −0.5V, with a duty cycle of V
OUT/VIN. To minimize
coupling to sensitive circuitry, the PC board copper area con-
nected to this pin should be kept to a minimum.
Feedback (Pin 6) — Senses the regulated output voltage to
complete the feedback loop.
Shutdown /Soft-start (Pin 7) — This dual function pin pro-
vides the following features: (a) Allows the switching regula-
tor circuit to be shut down using logic level signals thus drop-
ping the total input supply current to approximately 80 µA.
(b) Adding a capacitor to this pin provides a soft-start feature
which minimizes startup current and provides a controlled
ramp up of the output voltage.
Error Flag (Pin 3) — Open collector output that provides a
low signal (flag transistor ON) when the regulated output
voltage drops more than 5% from the nominal output volt-
age. On start up, Error Flag is low until V
OUT reaches 95% of
the nominal output voltage and a delay time determined by
the Delay pin capacitor. This signal can be used as a reset to
a microprocessor on power-up.
Delay (Pin 5) — At power-up, this pin can be used to provide
a time delay between the time the regulated output voltage
reaches 95% of the nominal output voltage, and the time the
error flag output goes high.
Special Note If any of the above three features (Shutdown
/Soft-start, Error Flag, or Delay) are not used, the respective
pins should be left open.
EXTERNAL COMPONENTS
SOFT-START CAPACITOR
C
SS — A capacitor on this pin provides the regulator with a
Soft-start feature (slow start-up). When the DC input voltage
is first applied to the regulator, or when the Shutdown
/Soft-start pin is allowed to go high, a constant current (ap-
proximately 5 µA begins charging this capacitor). As the ca-
pacitor voltage rises, the regulator goes through four operat-
ing regions (See the bottom curve in
Figure 13).
1. Regulator in Shutdown. When the SD /SS pin voltage is
between 0V and 1.3V, the regulator is in shutdown, the out-
put voltage is zero, and the IC quiescent current is approxi-
mately 85 µA.
2. Regulator ON, but the output voltage is zero. With the
SD /SS pin voltage between approximately 1.3V and 1.8V,
the internal regulator circuitry is operating, the quiescent cur-
rent rises to approximately 5 mA, but the output voltage is
still zero. Also, as the 1.3V threshold is exceeded, the
Soft-start capacitor charging current decreases from 5 µA
down to approximately 1.6 µA. This decreases the slope of
capacitor voltage ramp.
3. Soft-start Region. When the SD /SS pin voltage is be-
tween 1.8V and 2.8V (@ 25˚C), the regulator is in a Soft-start
condition. The switch (Pin 2) duty cycle initially starts out
very low, with narrow pulses and gradually get wider as the
capacitor SD /SS pin ramps up towards 2.8V. As the duty
cycle increases, the output voltage also increases at a con-
trolled ramp up. See the center curve in
Figure 13. The input
supply current requirement also starts out at a low level for
DS012582-30
FIGURE 12.
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com