Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ26200 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ26200
Description  HIGH-PERFORMANCE BATTERY MONITOR WITH COLOUMB COUNTER AND FLASH MEMORY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ26200 Datasheet(HTML) 1 Page - Texas Instruments

  BQ26200 Datasheet HTML 1Page - Texas Instruments BQ26200 Datasheet HTML 2Page - Texas Instruments BQ26200 Datasheet HTML 3Page - Texas Instruments BQ26200 Datasheet HTML 4Page - Texas Instruments BQ26200 Datasheet HTML 5Page - Texas Instruments BQ26200 Datasheet HTML 6Page - Texas Instruments BQ26200 Datasheet HTML 7Page - Texas Instruments BQ26200 Datasheet HTML 8Page - Texas Instruments BQ26200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
bq26200
SLUS509A − DECEMBER 2001 − REVISED NOVEMBER 2004
HIGHPERFORMANCE BATTERY MONITOR
WITH COLOUMB COUNTER AND FLASH MEMORY
1
www.ti.com
FEATURES
D Multifunction Monitoring Device Designed to
Work With an Intelligent Host Controller
− Provides State of Charge Information for
Rechargeable Batteries
− Enhances Charge Termination
D High Accuracy Coulometric Charge and
Discharge Current Integration With Automatic
Offset Compensation
D Differential Current Sense
D 32 Bytes of General-Purpose RAM
D 96 Bytes of Flash (Including 32 Bytes of
Shadow Flash)
D 8 Bytes of ID ROM
D Internal Temperature Sensor Eliminates Need
for External Thermistor
D Multifunction Digital Output Port
D High-Accuracy Internal Timebase Eliminates
External Crystal Oscillator
D Low Power Consumption
− Operating : <95
µA
− Sleep: <2
µA
D Single-Wire HDQ Serial Interface
D 8-Lead TSSOP Package
DESCRIPTION
The bq26200 is an advanced battery monitoring IC
designed to accurately measure the charge and
discharge currents in rechargeable battery packs.
Intended for pack integration, the bq26200 contains all
the necessary functions to form the basis of a
comprehensive battery capacity management system
in portable applications such as cellular phones, PDA’s,
or other portable products.
The bq26200 works with the host controller in the
portable system to implement the battery management
system.
The
host
controller
is
responsible
for
interpreting the bq26200 data and communicating
meaningful battery data to the end-user or power
management system.
The bq26200 provides 64 bytes of general-purpose
flash memory, 8 bytes of ID ROM and 32 bytes of flash
backed RAM for data storage. The non-volatile memory
can maintain formatted battery monitor information,
identification codes, warranty information, or other
critical battery parameters during periods when the
battery is temporarily shorted or deeply discharged.
1
2
3
4
8
7
6
5
REG
VCC
VSS
HDQ
STAT
SRP
SRN
OSC
PW PACKAGE
(TOP VIEW)
AVAILABLE OPTIONS
TA
MARKING
PACKAGE
TA
MARKING
TSSOP (PW)
−20
°C to 70°C
bq262
bq26200PW
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - BQ26200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26200 TI1-BQ26200 Datasheet
1Mb / 25P
COLOUMB COUNTER AND FLASH MEMORY
BQ26200 TI2-BQ26200 Datasheet
654Kb / 25P
HIGH-PERFORMANCE BATTERY MONITOR WITH COLOUMB COUNTER AND FLASH MEMORY
REVISED NOVEMBER 2004
BQ26200PW TI1-BQ26200PW Datasheet
1Mb / 25P
COLOUMB COUNTER AND FLASH MEMORY
BQ26200PW TI2-BQ26200PW Datasheet
654Kb / 25P
HIGH-PERFORMANCE BATTERY MONITOR WITH COLOUMB COUNTER AND FLASH MEMORY
REVISED NOVEMBER 2004
BQ26200PW.B TI2-BQ26200PW.B Datasheet
654Kb / 25P
HIGH-PERFORMANCE BATTERY MONITOR WITH COLOUMB COUNTER AND FLASH MEMORY
REVISED NOVEMBER 2004
More results

Similar Description - BQ26200

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
80C286 INTERSIL-80C286 Datasheet
365Kb / 13P
High Performance Microprocessor with Memory Management and Protection
March 1997
logo
Texas Instruments
BQ26221 TI-BQ26221 Datasheet
284Kb / 20P
HIGH PERFORMANCE BATTERY MONITOR IC WITH COUOMB COUNTER, VOLTAGE AND, TEMPERATURE MEASUREMENT
BQ26220 TI-BQ26220 Datasheet
250Kb / 19P
HIGH PERFORMANCE BATTERY MONITOR IC WITH COULOMB COUNTER, VOLTAGE AND TEMPERATURE MEASUREMENT
logo
Intersil Corporation
80C286883 INTERSIL-80C286883 Datasheet
508Kb / 13P
High Performance Microprocessor with Memory Management and Protection
March 1997
80C286 INTERSIL-80C286_1 Datasheet
756Kb / 60P
High Performance Microprocessor with Memory Management and Protection
March 1997
80C286 INTERSIL-80C286_08 Datasheet
1Mb / 60P
High Performance Microprocessor with Memory Management and Protection
January 28, 2008
logo
STMicroelectronics
STC3100 STMICROELECTRONICS-STC3100 Datasheet
292Kb / 21P
Battery monitor IC with Coulomb counter/gas gauge
27-Jan-2009
logo
Texas Instruments
BQ26200 TI1-BQ26200_16 Datasheet
1Mb / 25P
COLOUMB COUNTER AND FLASH MEMORY
logo
Renesas Technology Corp
80C286 RENESAS-80C286 Datasheet
2Mb / 65P
High Performance Microprocessor with Memory Management and Protection
logo
Advanced Micro Devices
80286 AMD-80286 Datasheet
3Mb / 62P
HIGH PERFORMANCE MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com