Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2127 Datasheet(PDF) 1 Page - Vicor Corporation

Part # PI2127
Description  60 Volt, 12 Amp Full-Function Active ORing Solution
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2127 Datasheet(HTML) 1 Page - Vicor Corporation

  PI2127 Datasheet HTML 1Page - Vicor Corporation PI2127 Datasheet HTML 2Page - Vicor Corporation PI2127 Datasheet HTML 3Page - Vicor Corporation PI2127 Datasheet HTML 4Page - Vicor Corporation PI2127 Datasheet HTML 5Page - Vicor Corporation PI2127 Datasheet HTML 6Page - Vicor Corporation PI2127 Datasheet HTML 7Page - Vicor Corporation PI2127 Datasheet HTML 8Page - Vicor Corporation PI2127 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Picor Corporation • picorpower.com
PI2127
Rev 1.3
Page 1 of 19
PI2127
Cool-ORing® Series
60 Volt, 12 Amp Full-Function Active ORing Solution
Description
The PI2127 Cool-ORing
® is a complete full-function
Active ORing solution with a high-speed ORing
MOSFET controller and a very low on-state
resistance MOSFET designed for use in redundant
power system architectures. The PI2127 Cool-ORing
solution is offered in an extremely small, thermally
enhanced 7mm x 8mm LGA package and can be
used in high side, medium voltage Active ORing
applications. The PI2127 enables extremely low
power loss with fast dynamic response to fault
conditions, critical for high availability systems.
The PI2127, with its 8.5m
Ω internal MOSFET
provides very high efficiency and low power loss
during steady state operation, while achieving high-
speed turn-off of the internal MOSFET during input
power source fault conditions that cause reverse
current flow. The PI2127 provides an active low fault
flag output to the system during reverse current,
excessive forward over-current and UVLO fault
conditions.
Features
Integrated High Performance 12A, 8.5m
Ω
MOSFET
Very small, high density fully-optimized solution
with simple PCB layout
Fast dynamic response to power source failures,
with 80ns reverse current turn-off delay time
Accurate sensing capability to indicate system
fault conditions (-6mV reverse threshold)
Internal charge pump
Active low fault flag output
Applications
N+1 Redundant Power Systems
Servers & High End Computing
Telecom Systems
High-side Active ORing
Package Information
The PI2127 is offered in the following package:
17-pin 7mm x 8mm thermally enhanced LGA
package, achieving <10°C/W RθJ-PCB
Typical Application:
Figure 1: PI2127 High Side Active ORing
Figure 2: PI2127 response time to an input short fault
condition


Similar Part No. - PI2127

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI2127-EVAL1 VICOR-PI2127-EVAL1 Datasheet
1Mb / 9P
PI2127-EVAL1 60V/12A Full-Function High Side Active ORing
PI2127EVAL1 VICOR-PI2127EVAL1 Datasheet
981Kb / 9P
PI2127EVAL1 60V/12A FullFunction High Side Active ORing
Rev. 1.0
More results

Similar Description - PI2127

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI2121 VICOR-PI2121 Datasheet
1Mb / 21P
8 Volt, 24 Amp Full-Function Active ORing Solution
PI2122 VICOR-PI2122 Datasheet
964Kb / 19P
12Amp Active ORing Solution With Load Disconnect
PI2123 VICOR-PI2123 Datasheet
1Mb / 20P
15 Volt, 15 Amp Full-Function Active ORing Solution
PI2125 VICOR-PI2125 Datasheet
1Mb / 20P
30 Volt, 12 Amp Full-Function Active ORing Solution
PI2126 VICOR-PI2126 Datasheet
1Mb / 15P
30 Volt, 12 Amp Full-Function Active ORing Solution
PI2121-EVAL1 VICOR-PI2121-EVAL1 Datasheet
823Kb / 12P
PI2121-EVAL1 Full-Function Active ORing
PI2126-EVAL1 VICOR-PI2126-EVAL1 Datasheet
916Kb / 8P
PI2126-EVAL1 30V/12A Full-Function High Side Active ORing
PI2127-EVAL1 VICOR-PI2127-EVAL1 Datasheet
1Mb / 9P
PI2127-EVAL1 60V/12A Full-Function High Side Active ORing
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
Active ORing Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
ACTIVE ORING MOSFET CONTROLLER
Rev erse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com