Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2127 Datasheet(PDF) 13 Page - Vicor Corporation

Part # PI2127
Description  60 Volt, 12 Amp Full-Function Active ORing Solution
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2127 Datasheet(HTML) 13 Page - Vicor Corporation

Back Button PI2127 Datasheet HTML 9Page - Vicor Corporation PI2127 Datasheet HTML 10Page - Vicor Corporation PI2127 Datasheet HTML 11Page - Vicor Corporation PI2127 Datasheet HTML 12Page - Vicor Corporation PI2127 Datasheet HTML 13Page - Vicor Corporation PI2127 Datasheet HTML 14Page - Vicor Corporation PI2127 Datasheet HTML 15Page - Vicor Corporation PI2127 Datasheet HTML 16Page - Vicor Corporation PI2127 Datasheet HTML 17Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Picor Corporation • picorpower.com
PI2127
Rev 1.3
Page 13 of 19
happens, the MOSFET is turned on and the
FT pin
will be high resistance to indicate that the MOSFET is
in RDS(on) with no fault conditions existing.
Note that in case of an input fault condition, where the
S pin is at ground and the output (D pin and SN pin)
are at a high voltage there will be two current paths,
one path from D pin to GND and the other path from
SN pin to SP.
The current path from D pin to GND and S pins is due
to the level shift circuit and will draw current from the
output as a function of the voltage between D pin and
GND (VD-GND) based on the following equation:
Ω
=
k
V
V
I
GND
D
FLT
D
15
5
.
0
Where:
FLT
D
I
:
Maximum D pin current during input short
fault condition
GND
D
V
: Voltage difference between the D pin and
ground.
The current path from SN pin to S pin is a function of
the SN voltage based on the following equation:
PAR
GND
SN
FLT
SN
R
V
V
I
12
_
=
Where:
FLT
SN
I
_
: SN current during input short fault condition
GND
SN
V
: Voltage difference between SN pin (or load
voltage) and ground.
PAR
R
:
Resistance of the internal path, 10KΩ
typical and 8kΩ minimum
The level shift circuit worst case power dissipation
during input short is:
Ω
=
k
V
V
Pd
GND
D
15
)
5
.
0
(
2
The thermal resistance and power dissipation of the
level shift circuit will limit the voltage applied at the D
pin during a shorted input condition. When the PCB
temperature exceeds 110°C, the applied voltage must
be derated according to Figure 21. The plot in Figure
21 is calculated using the worst case power
dissipation during an input short with RθJ-PCB=
100°C/W.
Figure 21: Level shift circuit applied voltage de-rating
(valid during an input short fault condition
as a function of PCB Temperature)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com