Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8NP Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # 8NP
Description  8 Amps,100 Volts N-CHANNEL Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

8NP Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  8NP Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd 8NP Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd 8NP Datasheet HTML 3Page - Chongqing Pingwei Enterprise co.,Ltd 8NP Datasheet HTML 4Page - Chongqing Pingwei Enterprise co.,Ltd 8NP Datasheet HTML 5Page - Chongqing Pingwei Enterprise co.,Ltd 8NP Datasheet HTML 6Page - Chongqing Pingwei Enterprise co.,Ltd 8NP Datasheet HTML 7Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
8N10P
8 Amps,100 Volts N-CHANNEL Power MOSFET
FEATURE
8A,100V,RDS(ON)MAX=23mΩVGS=10V/8A
Low gate charge
Low Ciss
Fast switching
100% avalanche tested
Improved dv/dt capability
APPLICATION
High Frequency Piont-of-Load Synchronous
Buck Converter for MB/NB/UMPC/VGA
Networking DC-DC Power System
LCD/LED back light
SOP8L PIN CONFIGURATION
GENERAL DESCRIPTION
The 8N10P is the highest performance trench N-ch MOSFETs with extreme high cell density, which provide excellent RDSON and
gate charge for most of the synchronous buck converter applications.
The 8N10P meet the RoHS and Green product requirement,100% EAS guaranteed with full function reliability approved.
Absolute Maximum Ratings(TC=25℃,unless otherwise noted)
Parameter
Symbol
8N10P
UNIT
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±
20
Continuous Drain Current
ID
8
A
Pulsed Drain Current(Note1)
IDM
32
Single Pulse Avalanche Energy (Note 2)
EAS
11
mJ
Avalanche Current
IAS
15
A
Reverse Diode dV/dt (Note 3)
dv/dt
5.5
V/ns
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 to +150
℃
Channel Temperature
TCH
150
℃
Maximum lead temperature for soldering purposes,
1/8"from case for 5 seconds
TL
260
℃
Thermal Characteristics
Parameter
Symbol
MAX
Units
Thermal resistance , Channel to Case
Rth(ch-c)
16
℃
/W
Thermal resistance , Channel to Ambient
Rth(ch-a)
59
℃
/W
Maximum Power Dissipation
TC=25℃
PD
3.1
W


Similar Description - 8NP

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF120-28Q SSDI-SFF120-28Q Datasheet
265Kb / 2P
9.2 AMPS 100 VOLTS 0.35S QUAD N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
UF8010 UTC-UF8010 Datasheet
215Kb / 6P
80 Amps, 100 Volts N-CHANNEL POWER MOSFET
6N10 UTC-6N10 Datasheet
147Kb / 4P
6 Amps, 100 Volts N-CHANNEL POWER MOSFET
7N10 UTC-7N10 Datasheet
170Kb / 6P
7 Amps, 100 Volts N-CHANNEL POWER MOSFET
8N50 UTC-8N50 Datasheet
171Kb / 6P
8 Amps, 500 Volts N-CHANNEL POWER MOSFET
8N90 UTC-8N90 Datasheet
163Kb / 5P
8 Amps, 900 Volts N-CHANNEL POWER MOSFET
UT2N10 UTC-UT2N10 Datasheet
150Kb / 3P
2 Amps,100 Volts N-CHANNEL POWER MOSFET
UT12N10 UTC-UT12N10 Datasheet
150Kb / 4P
12 Amps, 100 Volts N-CHANNEL POWER MOSFET
6N10Z UTC-6N10Z Datasheet
197Kb / 4P
6.5 Amps, 100 Volts N-CHANNEL POWER MOSFET
logo
Chongqing Pingwei Enter...
12N10P CHONGQING-12N10P Datasheet
532Kb / 7P
12 Amps,100 Volts N-CHANNEL Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com