Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8NP Datasheet(PDF) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # 8NP
Description  8 Amps,100 Volts N-CHANNEL Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

8NP Datasheet(HTML) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

  8NP Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd 8NP Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd 8NP Datasheet HTML 3Page - Chongqing Pingwei Enterprise co.,Ltd 8NP Datasheet HTML 4Page - Chongqing Pingwei Enterprise co.,Ltd 8NP Datasheet HTML 5Page - Chongqing Pingwei Enterprise co.,Ltd 8NP Datasheet HTML 6Page - Chongqing Pingwei Enterprise co.,Ltd 8NP Datasheet HTML 7Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Characteristics (Tc=25℃,unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V,ID=250uA
100
-
-
V
Breakdown Temperature Coefficient
ΔBVDSS
/ΔTJ
Reference to 25℃,
ID=250uA
-
0.06
-
V/℃
Zero Gate Voltage Drain Current
IDSS
VDS=100VGS=0V
-
-
1
μ
A
IDSS
VDS=100VGS=0V(TJ =55℃)
-
-
5
μ
A
Gate-Body Leakage Current,Forward
IGSS
VGS=±20VDS=0V
-
-
±
100
nA
On Characteristics
Gate-Source Threshold Voltage
VGS(th)
VDS=10V,ID=250uA
1.0
-
3.0
V
Drain-Source On-State Resistance
RDS(on)
VGS=10V,ID=8A
-
18.5
23
mΩ
Dynamic Characteristics
Input Capacitance
Ciss
VDS=50V,VGS=0V,
f=1.0MHZ
-
1190
-
pF
Output Capacitance
Coss
-
95
-
pF
Reverse Transfer Capacitance
Crss
-
7
-
pF
Switching Characteristics
Turn-On Delay Time
td(on)
VDD=50V,
R L=6.25Ω,
R GEN =3Ω
VGS=10V
(Note4,5)
-
7
-
ns
Turn-On Rise Time
tr
-
3
-
ns
Turn-Off Delay Time
td(off)
-
20
-
ns
Turn-Off Fall Time
tf
-
3
-
ns
Total Gate Charge
Qg
VDS=50V,ID=8A,
VGS=10V, (Note4,5)
-
16
-
nC
Gate-Source Charge
Qgs
-
4.5
-
nC
Gate-Drain Charge
Qgd
-
2.5
-
nC
Drain-Source Body Diode Charcteristics and Maximum Ratings
Continuous Diode Forward Current
IS
VG = VD= 0V, Force Current
-
-
8
A
Pulsed Diode Forward Current
ISM
-
-
32
A
Diode Forward Voltage
VSD
IS=10A,VGS=0V
-
-
1.0
V
Notes
1.
Repetitive Rating:pulse width limited by maximum junction temperature.
2.
VDD=25V,L=0.1mH,Rg=25Ω,IAS=13A , starling TJ=25℃.
3.
ISD≤ID,dI/dt=200A/us,VDD≤BVDSS,starting TJ=25℃,Pulse width≤300us;duty cycle≤2%.
4.
Repetitive rating; pulse width limited by maximum junction temperature.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com