Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

403DMQ600 Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # 403DMQ600
Description  Guard ring for enhanced ruggedness and long term reliability
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

403DMQ600 Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  403DMQ600 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 403DMQ600 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 403DMQ600 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1685, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
403DMQ600
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
600
V
Average Forward Current
IF(AV)
50% duty cycle @TC =117°C,
rectangular wave form
200(per leg)
400(per device)
A
Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, half Sine pulse
1600
A
Electrical Characteristics:
Characteristics
Symbol
Condition
Typ.
Max.
Units
Forward Voltage Drop
VF1
@ 200A, Pulse, TJ = 25 °C
1.68
1.85
V
Reverse Current
IR1
@VR = rated VR TJ = 25 °C
0.175
100
μA
Reverse Recovery Time
trr
IF=500mA, IR=1A,and
Irm=250mA
-
90
ns
* Pulse Width < 300µs, Duty Cycle <2%
Thermal-Mechanical Specifications:
Characteristics
Symbol
Condition
Specification
Units
Junction Temperature
TJ
-
-55 to +175
°C
Storage Temperature
Tstg
-
-55 to +175
°C
Maximum Thermal
Resistance Junction to Case
(per leg)
RθJC
DC operation
0.50
°C/W
Maximum Thermal
Resistance Junction to Case
(per package)
RθJC
DC operation
0.25
°C/W
Maximum Thermal
Resistance, Case to Heat
Sink
RθCS
Mounting surface, smooth and
greased
0.10
°C/W
Approximate Weight
wt
-
79
g
Mounting Torque
TM
Non-Iubricatedthreads
Mounting
Torque
24 (min)
35 (max)
Kg-cm
Terminal
Torque
35(min)
46 (max)
Case Style
PRM4 Isolated



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com