Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

403DMQ600 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # 403DMQ600
Description  Guard ring for enhanced ruggedness and long term reliability
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

403DMQ600 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  403DMQ600 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 403DMQ600 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 403DMQ600 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1685, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
403DMQ600
403DMQ600 ULTRAFAST RECTIFIER
Applications:
● High current switching power supply ● Plating power supply ● Free-Wheeling diodes
● Reverse battery protection ● Converters ● UPS System ● Welding
Features:
•
175 ℃ TJ operation
•
Center tap module
•
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and
moisture resistance
•
Low forward voltage drop
•
High frequency operation
•
Guard ring for enhanced ruggedness and long term reliability
•
This is a Pb − Free Device
•
All SMC parts are traceable to the wafer lot
•
Additional testing can be offered upon request
Mechanical Dimensions: In mm/Inches
PRM4 (Isolated)
MARKING, MOLDING RESIN
Marking for 403DMQ600, 1
st row SS YYWWL, 2nd row 403DMQ600
Where YY is the manufacture year
WW is the manufacture week code
L is the wafer’s Lot Number
Molding resin
Epoxy resin UL: 94V-0


Similar Part No. - 403DMQ600

ManufacturerPart #DatasheetDescription
logo
International Rectifier
403DMQ IRF-403DMQ Datasheet
119Kb / 5P
SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
403DMQ SMC-403DMQ Datasheet
215Kb / 4P
All SMC parts are traceable to the wafer lot
logo
SMC Diode Solutions Co....
403DMQ SMCDIODE-403DMQ Datasheet
335Kb / 5P
SCHOTTKY RECTIFIER
Rev B
logo
Sangdest Microelectroni...
403DMQ080 SMC-403DMQ080 Datasheet
215Kb / 4P
All SMC parts are traceable to the wafer lot
logo
International Rectifier
403DMQ100 IRF-403DMQ100 Datasheet
119Kb / 5P
SCHOTTKY RECTIFIER
More results

Similar Description - 403DMQ600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-80CPQ150PBF VISHAY-VS-80CPQ150PBF Datasheet
173Kb / 7P
Guard ring for enhanced ruggedness and long term reliability
31-Aug-11
logo
Sangdest Microelectroni...
12TQ0200 SMC-12TQ0200 Datasheet
184Kb / 6P
Guard ring for enhanced ruggedness and long term reliability
MBRF2050 SMC-MBRF2050 Datasheet
165Kb / 6P
Guard ring for enhanced ruggedness and long term reliability
MBRF20100 SMC-MBRF20100 Datasheet
146Kb / 5P
Guard ring for enhanced ruggedness and long term reliability
81CNQ SMC-81CNQ Datasheet
227Kb / 5P
Guard ring for enhanced ruggedness and long term reliability
125NQ015 SMC-125NQ015 Datasheet
211Kb / 4P
Guard ring for enhanced ruggedness and long term reliability
303CMQ SMC-303CMQ Datasheet
212Kb / 4P
Guard ring for enhanced ruggedness and long term reliability
ST2080C SMC-ST2080C Datasheet
221Kb / 6P
Guard ring for enhanced ruggedness and long term reliability
ST5100BAX SMC-ST5100BAX Datasheet
115Kb / 4P
Guard ring for enhanced ruggedness and long term reliability
STF10200LC SMC-STF10200LC Datasheet
170Kb / 4P
Guard ring for enhanced ruggedness and long term reliability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com