Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9102 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DM9102
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DM9102 Datasheet HTML 1Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 2Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
4
Final
Version: DM9102A-DS-F03
August 28, 2000
Features
T Integrated Fast Ethernet MAC, Physical Layer and
transceiver in one chip.
T 128pinQFP/128pin TQFP with CMOS process.
T +3.3V Power supply with +5V tolerant I/O.
T Supports PCI and CardBus interfaces.
T Comply with PCI specification 2.2.
T PCI clock up to 40MHz.
T PCI bus master architecture.
T PCI bus burst mode data transfer.
T Two large independent FIFO; receive FIFO & transmit
FIFO.
T Up to 256K bytes Boot EPROM or Flash interface.
T EEPROM 93C46 interface supports node ID accesses
configuration information and user define message.
T Node address auto-load and reload.
T Comply with IEEE 802.3u 100Base-TX and 802.3
10Base-T.
T Comply with IEEE 802.3u auto-negotiation protocol for
automatic link type selection.
T Full Duplex/Half Duplex capability.
T Support IEEE 802.3x Full Duplex Flow Control
T VLAN support.
T Comply with ACPI and PCI Bus Power Management.
T Supports the MII (Media Independent Interface).
T Supports Wake-On-LAN function andremote wake-up
(Magic packet, Link Change and Microsoft
® wake-up
frame).
T Supports 4 Wake-On-LAN (WOL) signals (active high
pulse, active low pulse, active high , active low ).
T High performance 100Mbps clock generator and data
recovery circuit.
T Digital clock recovery circuit using advanceddigital
algorithm to reduce jitter.
T Adaptive equalization circuit and Baseline wandering
restoration circuit for 100Mbps receiver.
T Provides Loopback mode for easy system diagnostics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com