Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9102 Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # DM9102
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102 Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button DM9102 Datasheet HTML 63Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 64Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 65Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 66Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 67Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 68Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 69Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 70Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
Final
Version: DM9102A-DS-F03
August 28, 2000
67
85
MA9
MII_TXD0 (o)
SRL_TXD (o)
87
TRFLED
MA10/TRF
NC
NC
88
FDXLED
MA11/FDX
OSC20 (o)
OSC20 (o)
89
SPD100
MA12/100
Link (i)
Link (i)
90
SPD10
MA13/10
NC
NC
91
MA14
MII_CRS (i)
SRL_CRS (i)
92
MA15
MII_RXCLK (i)
SRL_RXC (i)
93
MA16
MII_RXD0 (i)
SRL_RXD (i)
94
MA17
MA17
NC
NC
Where NC is no connection
Pin88 is 20MHz clock output for external PHY (such as DM9801)
Pin89 is link status input from external PHY for power management changed event and reflect at CR12 bit6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com