Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2164Q Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS2164Q
Description  G.726 ADPCM Processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2164Q Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS2164Q Datasheet HTML 3Page - Dallas Semiconductor DS2164Q Datasheet HTML 4Page - Dallas Semiconductor DS2164Q Datasheet HTML 5Page - Dallas Semiconductor DS2164Q Datasheet HTML 6Page - Dallas Semiconductor DS2164Q Datasheet HTML 7Page - Dallas Semiconductor DS2164Q Datasheet HTML 8Page - Dallas Semiconductor DS2164Q Datasheet HTML 9Page - Dallas Semiconductor DS2164Q Datasheet HTML 10Page - Dallas Semiconductor DS2164Q Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DS2164Q
7 of 17
TIME SLOT ASSIGNMENT/ORGANIZATION
On-board counters establish when PCM and ADPCM I/O occur. The counters are programmed by the
time slot registers. Time slot size (number of bits wide) is determined by the state of CP/ EX . The number
of time slots available is determined by the state of both CP/ EX and U/ A (Figures 7 through 10). For
example, if the X channel is set to compress (CP/ EX = 1) and it is set to expect
m-law data
(U/ A = 1), then the input port (XIN) is set up for 32 8-bit time slots and the output port (XOUT) is set up
for 64 4-bit time slots. The time slot organization is not dependent on which algorithm has been selected.
Note: Time slots are counted from the frame sync signal starting at the first rising edge of either CLKX
or CLKY after the frame sync.
Figure 7.
m-LAW PCM INTERFACE
Figure 8.
m-LAW ADPCM INTERFACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com