Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7528CD Datasheet(PDF) 9 Page - Exar Corporation

Part # MP7528CD
Description  CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7528CD Datasheet(HTML) 9 Page - Exar Corporation

Back Button MP7528CD Datasheet HTML 5Page - Exar Corporation MP7528CD Datasheet HTML 6Page - Exar Corporation MP7528CD Datasheet HTML 7Page - Exar Corporation MP7528CD Datasheet HTML 8Page - Exar Corporation MP7528CD Datasheet HTML 9Page - Exar Corporation MP7528CD Datasheet HTML 10Page - Exar Corporation MP7528CD Datasheet HTML 11Page - Exar Corporation MP7528CD Datasheet HTML 12Page - Exar Corporation MP7528CD Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MP7528
9
Rev. 2.00
MICROPROCESSOR INTERFACE
DAC A
DAC B
Data Bus
DB0
DB7
Address
Decode
Logic
A0-A15
φ2
D0–D7
A+1**
A*
MP7528
CPU
6800
Analog circuitry has been omitted for clarity
*A = Decoded 7528 DAC A Address
**A + 1 = Decoded 7528 DAC B Address
Figure 2. MP7528 Dual DAC to 6800
CPU Interface
DAC A
DAC B
ADDR/Data Bus
DB0
DB7
A8-A15
AD0–AD7
Address
Decode
Logic
A+1**
A*
MP7528
CPU
8085
Figure 3. MP7528 Dual DAC to 8085
CPU Interface
Latch
8212
ALE
NOTE:
8085 instruction SHLD (store H & L direct) can update
both DACS with data from H and L registers
Analog circuitry has been omitted for clarity
*A = Decoded 7528 DAC A Address
**A + 1 = Decoded 7528 DAC B Address
VMA
Address Bus
Address Bus
DACA/DACB
CS
WR
WR
DACA/DACB
CS
WR
PERFORMANCE CHARACTERISTICS
Graph 1. Relative Accuracy vs. Digital Code
5 V
Graph 2. Relative Accuracy vs. Digital Code
15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com