Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7528CD Datasheet(PDF) 11 Page - Exar Corporation

Part # MP7528CD
Description  CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7528CD Datasheet(HTML) 11 Page - Exar Corporation

Back Button MP7528CD Datasheet HTML 7Page - Exar Corporation MP7528CD Datasheet HTML 8Page - Exar Corporation MP7528CD Datasheet HTML 9Page - Exar Corporation MP7528CD Datasheet HTML 10Page - Exar Corporation MP7528CD Datasheet HTML 11Page - Exar Corporation MP7528CD Datasheet HTML 12Page - Exar Corporation MP7528CD Datasheet HTML 13Page - Exar Corporation MP7528CD Datasheet HTML 14Page - Exar Corporation MP7528CD Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MP7528
11
Rev. 2.00
A
––
0.200
––
5.08
––
b
0.014
0.023
0.356
0.584
––
b1
0.038
0.065
0.965
1.65
2
c
0.008
0.015
0.203
0.381
––
D
––
1.060
––
26.92
4
E
0.220
0.310
5.59
7.87
4
E1
0.290
0.320
7.37
8.13
7
e
0.100 BSC
2.54 BSC
5
L
0.125
0.200
3.18
5.08
––
L1
0.150
––
3.81
––
––
Q
0.015
0.070
0.381
1.78
3
S
––
0.080
––
2.03
6
S1
0.005
––
0.13
––
6
α
0
°
15
°
0
°
15
°
––
D
be
1
b
20 LEAD CERAMIC DUAL-IN-LINE
(300 MIL CDIP)
D20
SYMBOL
MIN
MAX
MIN
MAX
NOTES
INCHES
MILLIMETERS
S 1
S
NOTES
1.
Index area; a notch or a lead one identification mark
is located adjacent to lead one and is within the
shaded area shown.
2.
The minimum limit for dimension b1 may be 0.023
(0.58 mm) for all four corner leads only.
3.
Dimension Q shall be measured from the seating
plane to the base plane.
4.
This dimension allows for off-center lid, meniscus and
glass overrun.
5.
The basic lead spacing is 0.100 inch (2.54 mm) be-
tween centerlines.
6.
Applies to all four corners.
7.
This is measured to outside of lead, not center.
20
110
11
See
Note 1
E
α
c
E1
L
Q
Seating
Plane
Base
Plane
L1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com