Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP7311 Datasheet(PDF) 39 Page - Cirrus Logic

Part # EP7311
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7311 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button EP7311 Datasheet HTML 35Page - Cirrus Logic EP7311 Datasheet HTML 36Page - Cirrus Logic EP7311 Datasheet HTML 37Page - Cirrus Logic EP7311 Datasheet HTML 38Page - Cirrus Logic EP7311 Datasheet HTML 39Page - Cirrus Logic EP7311 Datasheet HTML 40Page - Cirrus Logic EP7311 Datasheet HTML 41Page - Cirrus Logic EP7311 Datasheet HTML 42Page - Cirrus Logic EP7311 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
DS506PP1
©Copyright Cirrus Logic, Inc. 2003
(All Rights Reserved)
39
EP7311
High-Performance, Low-Power System on Chip
V2
VSSIO
Pad ground
I/O ground
V3
VSSIO
Pad ground
I/O ground
V4
PD[7]/SDQM[1]
1
Low
I/O
GPIO port D /
SDRAM byte lane
mask
V5
PD[4]
1
Low
I/O
GPIO port D
V6
PD[2]
1
Low
I/O
GPIO port D
V7
SSICLK
1
Input
‡
I/O
DAI/CODEC/SSI2
serial clock
V8
SSIRXDA
I/O
DAI/CODEC/SSI2
serial data input
V9
nADCCS
1
High
O
SSI1 ADC chip
select
V10
VDDIO
Pad power
Digital I/O power,
3.3V
V11
ADCCLK
1
Low
O
SSI1 ADC serial
clock
V12
COL[7]
1
High
O
Keyboard scanner
column drive
V13
COL[4]
1
High
O
Keyboard scanner
column drive
V14
TCLK
IJTAG clock
V15
BUZ
1
Low
O
Buzzer drive output
V16
D[29]
1
Low
I/O
Data I/O
V17
A[26]/DRA[1]
2
Low
O
System byte address
/ SDRAM address
V18
VDDIO
Pad power
Digital I/O power,
3.3 V
V19
VDDIO
Pad power
Digital I/O power,
3.3 V
V20
A[24]/DRA[3]
‘
Low
O
System byte address
/ SDRAM address
W1
VSSIO
Pad ground
I/O ground
W2
VSSIO
Pad ground
I/O ground
W3
VSSIO
Pad ground
I/O ground
W4
PD[6]/SDQM[0]
1
Low
I/O
GPIO port D /
SDRAM byte lane
mask
W5
TMS
with p/u*
I
JTAG mode select
W6
PD[1]
1
Low
I/O
GPIO port D
W7
SSITXFR
1
Low
I/O
DAI/CODEC/SSI2
frame sync
W8
SSIRXFR
1
Input
‡
I/O
DAI/CODEC/SSI2
frame sync
W9
VSSCORE
Core Ground
Core Ground
W10
DRIVE[1]
2
High /
Low
I/O
PWM drive output
Table 21. 204-Ball TFBGA Ball Listing (Continued)
Ball Location
Name
Strength
†
Reset
State
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com