Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP7311 Datasheet(PDF) 49 Page - Cirrus Logic

Part # EP7311
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7311 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button EP7311 Datasheet HTML 45Page - Cirrus Logic EP7311 Datasheet HTML 46Page - Cirrus Logic EP7311 Datasheet HTML 47Page - Cirrus Logic EP7311 Datasheet HTML 48Page - Cirrus Logic EP7311 Datasheet HTML 49Page - Cirrus Logic EP7311 Datasheet HTML 50Page - Cirrus Logic EP7311 Datasheet HTML 51Page - Cirrus Logic EP7311 Datasheet HTML 52Page - Cirrus Logic EP7311 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
DS506PP1
©Copyright Cirrus Logic, Inc. 2003
(All Rights Reserved)
49
EP7311
High-Performance, Low-Power System on Chip
148
H18
G11
A[7]
O
274
150
F20
D15
D[7]
I/O
276
151
G19
F13
nBATCHG
I
279
152
E20
C16
nEXTPWR
I
280
153
F19
F12
BATOK
I
281
154
G18
C15
nPOR
I
282
155
D20
E13
nMEDCHG/nBROM
I
283
156
F18
B16
nURESET
I
284
161
D19
B14
WAKEUP
I
285
162
E19
D11
nPWRFL
I
286
163
C19
A13
A[6]
O
287
164
C20
F10
D[6]
I/O
289
165
E18
B13
A[5]
O
292
166
B20
E10
D[5]
I/O
294
169
B16
B12
A[4]
O
297
170
A16
D10
D[4]
I/O
299
171
C15
A11
A[3]
O
302
172
B15
G9
D[3]
I/O
304
173
A15
B11
A[2]
O
307
175
C14
A10
D[2]
I/O
309
176
B14
F9
A[1]
O
312
177
A14
B10
D[1]
I/O
314
178
C13
E9
A[0]
O
317
179
B13
A9
D[0]
I/O
319
184
A13
D8
CL2
O
322
185
C12
B8
CL1
O
324
186
B12
E8
FRM
O
326
187
A12
A7
M
O
328
188
C11
F8
DD[3]
I/O
330
189
B11
B7
DD[2]
I/O
333
191
B10
A6
DD[1]
I/O
336
192
A10
G8
DD[0]
I/O
339
193
A9
B6
nSDCS[1]
O
342
194
B9
D7
nSDCS[0]
O
344
195
C9
A5
SDQM[3]
I/O
346
196
A8
E7
SDQM[2]
I/O
349
199
B8
F7
SDCKE
I/O
352
200
C8
A4
SDCLK
I/O
355
Table W. JTAG Boundary Scan Signal Ordering (Continued)
LQFP
Pin No.
TFBGA
Ball
PBGA
Ball
Signal
Type
Position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com