Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS9841 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # WS9841
Description  High Efficiency TRIAC dimmable LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS9841 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  WS9841 Datasheet HTML 1Page - List of Unclassifed Manufacturers WS9841 Datasheet HTML 2Page - List of Unclassifed Manufacturers WS9841 Datasheet HTML 3Page - List of Unclassifed Manufacturers WS9841 Datasheet HTML 4Page - List of Unclassifed Manufacturers WS9841 Datasheet HTML 5Page - List of Unclassifed Manufacturers WS9841 Datasheet HTML 6Page - List of Unclassifed Manufacturers WS9841 Datasheet HTML 7Page - List of Unclassifed Manufacturers WS9841 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
4/8
WS9841 Product Description
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
Electrical Characteristics
Conditions: (Notes 4, 5) (Unless otherwise specified, VCC=15V and TA =25 ℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply Voltage Section
VCC Clamp Voltage
VCC_CLAMP
1mA
18.8
V
VCC Turn On Threshold
VCC_ON
VCC Rising
14
V
VCC Turn off Threshold
VCC_UVLO
VCC Falling
8.8
V
VCC Startup Current
IST
VCC= VCC-ON - 1V
120
180
uA
VCC Operating Current
IOP
FOP=70KHz
90
150
uA
Current Sense Section
Threshold Voltage for Peak
Current Limit
VCS_TH
380
400
420
mV
Threshold Voltage for Peak
Current Limit When Output
Short
VCS_SHORT
Output Short
200
mV
Leading Edge Blanking Time
for Current Sense
TLEB
350
ns
Switch Off Delay Time
TDELAY
200
ns
Line Voltage Feed Forward
Threshold
VVLN_TH
3
V
Internal Time Control Section
Minimum OFF Time
TOFF_MIN
2.5
us
Maximum OFF Time
TOFF_MAX
250
us
Maximum On Time
TON_MAX
10
us
Over Voltage Protection Section
FB Over Voltage Protection
Threshold
VFB_OVP
1
V
MOSFET Section
Static Drain-source
On-resistance
RDS_ON
VGS=15V/IDS=0.5A
3
Ω
Drain-Source Breakdown
Voltage
BVDSS
VGS=0V/IDS=250uA
300
V
Power MOSFET Drain Leakage
Current
IDSS
VGS=0V/VDS=300V
1
uA
Thermal section
Thermal Regulation
Temperature
TREG
150
℃
Note 4: production testing of the chip is performed at 25°C.
Note 5: the maximum and minimum parameters specified are guaranteed by test, the typical value are guaranteed by design,
characterization and statistical analysis.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com