Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS9841 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # WS9841
Description  High Efficiency TRIAC dimmable LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS9841 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  WS9841 Datasheet HTML 1Page - List of Unclassifed Manufacturers WS9841 Datasheet HTML 2Page - List of Unclassifed Manufacturers WS9841 Datasheet HTML 3Page - List of Unclassifed Manufacturers WS9841 Datasheet HTML 4Page - List of Unclassifed Manufacturers WS9841 Datasheet HTML 5Page - List of Unclassifed Manufacturers WS9841 Datasheet HTML 6Page - List of Unclassifed Manufacturers WS9841 Datasheet HTML 7Page - List of Unclassifed Manufacturers WS9841 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
6/8
WS9841 Product Description
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
Over Voltage Protection
The FB pin is used to detection the output voltage for
over voltage protection (OVP). The FB pin threshold is 1V.
The resistor divider of the FB pin can be set as:
OVP
FBH
FBL
FBL
V
R
R
R
1
Where,
RFBL is the lower resistor of the resistor divider
RFBH is the higher resistor of the resistor divider
VOVP is the over voltage protection set value.
For maximizing the system efficiency, the lower resistor
is recommended to be around 5KΩ.
Protection Function
The WS9841 offers rich protection functions to improve
the system reliability, including LED open/short protection,
CS resistor short protection, VCC under voltage protection,
thermal regulation.
When the LED is open circuit, the system will trigger the
over voltage protection and stop switching.
When the LED short circuit is detected, the system
works at low frequency (4kHz), and the CS pin turn off
threshold is reduced to 200mV. So the system power
consumption is very low. At some catastrophic fault condition,
such as CS resistor shorted or inductor saturated, the
internal fast fault detection circuit will be triggered, the
system stops switching immediately.
After the system enters into fault condition, the VCC
voltage will decrease until it reaches the UVLO threshold,
then the system will re-start again. If the fault condition is
removed, the system will recover to normal operation.
Thermal Regulation
The WS9841 integrates thermal regulation function.
When the system is over temperature, the output current is
gradually reduced; the output power and thermal dissipation
are also reduced. The system temperature is regulated and
the system reliability is improved. The thermal regulation
temperature is set to 150℃ internally.
PCB Layout
The following rules should be followed in WS9841 PCB
layout:
Bypass Capacitor
The bypass capacitor on VCC pin should be as close as
possible to the VCC Pin and GND pin.
FB Pin
The feedback resistor divider should be as close as
possible to the FB pin, and the trace must keeps away from
dynamic node of the inductor and Drain pin trace, otherwise
the FB pin OVP function might have risk to be mis-triggered by
the system noise.
VLN Pin
The VLN pin resistor divider and capacitor should be as
close as possible to the VLN pin, and the VLN node should be
away from the high voltage switching nodes.
Ground Path
The power ground path for current sense resistor should
be short and wide, and it should be as close as possible to the
IC GND pin. The IC signal ground for FB resistors should be
connected to the IC GND pin with short traces and should be
away from the power ground path.
The Area of Power Loop
The area of main current loop should be as small as
possible to reduce EMI radiation, such as the power MOSFET,
the output diode and the bus capacitor loop.
DRAIN Pin
To increase the copper area of DRAIN pin for better
thermal dissipation. However, too large copper area may
compromise the EMI performance.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com