Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM811SERC Datasheet(PDF) 8 Page - Microchip Technology

Part # TCM811SERC
Description  4-Pin Microcontroller Reset Monitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM811SERC Datasheet(HTML) 8 Page - Microchip Technology

Back Button TCM811SERC Datasheet HTML 4Page - Microchip Technology TCM811SERC Datasheet HTML 5Page - Microchip Technology TCM811SERC Datasheet HTML 6Page - Microchip Technology TCM811SERC Datasheet HTML 7Page - Microchip Technology TCM811SERC Datasheet HTML 8Page - Microchip Technology TCM811SERC Datasheet HTML 9Page - Microchip Technology TCM811SERC Datasheet HTML 10Page - Microchip Technology TCM811SERC Datasheet HTML 11Page - Microchip Technology TCM811SERC Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TCM811/TCM812
DS21615B-page 8
 2002 Microchip Technology Inc.
4.2
Package Dimensions
.055 (1.40)
.047 (1.20)
.080 (2.03)
.070 (1.78)
.079 (2.00)
.071 (1.80)
.098 (2.50)
.083 (2.10)
.040 (1.02)
.031 (0.79)
.004 (0.10)
.001 (0.02)
.120 (3.05)
.105 (2.67)
.037 (0.94)
.030 (0.77)
.021 (0.54)
.015 (0.38)
.006 (0.15)
.004 (0.09)
.010 (0.25)
.005 (0.13)
8 MAX.
Component Taping Orientation for 4-Pin SOT-143 Devices
PIN 1
Device
Marking
User Direction of Feed
Standard Reel Component Orientation
for TR Suffix Device
(Mark Right Side Up)
W
P
Carrier Tape, Number of Components Per Reel and Reel Size:
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
4-Pin SOT-143
8 mm
4 mm
3000
7 in.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com