Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM811SERC Datasheet(PDF) 1 Page - Microchip Technology

Part # TCM811SERC
Description  4-Pin Microcontroller Reset Monitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM811SERC Datasheet(HTML) 1 Page - Microchip Technology

  TCM811SERC Datasheet HTML 1Page - Microchip Technology TCM811SERC Datasheet HTML 2Page - Microchip Technology TCM811SERC Datasheet HTML 3Page - Microchip Technology TCM811SERC Datasheet HTML 4Page - Microchip Technology TCM811SERC Datasheet HTML 5Page - Microchip Technology TCM811SERC Datasheet HTML 6Page - Microchip Technology TCM811SERC Datasheet HTML 7Page - Microchip Technology TCM811SERC Datasheet HTML 8Page - Microchip Technology TCM811SERC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
 2002 Microchip Technology Inc.
DS21615B-page 1
M TCM811/TCM812
Features
• Precision V
DD Monitor for 2.0V, 2.8V, 3.0V, 3.3V,
5.0V Nominal Supplies
• Manual Reset Input
• 140 msec Minimum RESET Output Duration
• RESET Output Valid to V
DD = 1.0V (TCM811)
• Low 6 µA (typ.) Supply Current
•V
DD Transient Immunity
• Small 4-Pin SOT-143 Package
• No External Components
• Replacement for MAX811/812 and Offers a Lower
Threshold Voltage Option
• Push-Pull RESET Output
• Temperature Range:
- Commercial (C) -40°C to +85°C
Applications
• Computers
• Embedded Systems
• Battery Powered Equipment
• Critical Microcontroller Power Supply Monitoring
Typical Application Circuit
General Description
The TCM811 and TCM812 are cost effective system
supervisory circuits designed to monitor V
DD in digital
systems and provide a reset signal to the host control-
ler when necessary. A manual reset input is provided
to override the reset monitor and is suitable for use as
a push-button reset. No external components are
required.
The reset output is driven active within 20 µsec (5 µsec
for F version) of V
DD falling through the reset voltage
threshold. RESET is maintained active for a minimum
of 140 msec after V
DD rises above the reset threshold.
The TCM812 has an active high RESET output while
the TCM811 has an active low RESET output. The out-
put of the TCM811 is valid down to V
DD = 1V. Both
devices are available in a 4-Pin SOT-143 package,
specified with a temperature range of -40°C to +85°C.
The TCM811/TCM812 are optimized to reject fast tran-
sient glitches on the V
DD line. A low supply current of
6µA (V
DD = 3.3V) makes these devices ideal for battery
powered applications.
Package Types:
TCM811
V
DD
V
DD
V
DD
RESET
RESET
INPUT
(Active Low)
GND
GND
MR
PUSH
BUTTON
PIC
Microcontroller
4
3
2
0.1µF
V
DD
TCM811 RESET
GND 1
2
TCM812 (RESET)
3
4
MR
SOT-143
4-Pin Microcontroller Reset Monitors


Similar Part No. - TCM811SERC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TCM811 MICROCHIP-TCM811 Datasheet
491Kb / 16P
4-Pin Reset Monitors
2007
TCM811 MICROCHIP-TCM811_07 Datasheet
491Kb / 16P
4-Pin Reset Monitors
2007
More results

Similar Description - TCM811SERC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX809 ONSEMI-MAX809 Datasheet
90Kb / 12P
3-Pin Microprocessor Reset Monitors
January, 2002 ??Rev. 4
logo
Microchip Technology
TC1270 MICROCHIP-TC1270 Datasheet
467Kb / 12P
4-Pin 關P Reset Monitors
2002
TCM809 MICROCHIP-TCM809 Datasheet
141Kb / 14P
3-Pin Microcontroller Reset Monitors
2004
TC1270 MICROCHIP-TC1270_07 Datasheet
674Kb / 14P
4-Pin Reset Monitors
2007
TCM811 MICROCHIP-TCM811_07 Datasheet
491Kb / 16P
4-Pin Reset Monitors
2007
TCM809 MICROCHIP-TCM809_05 Datasheet
218Kb / 16P
3-Pin Microcontroller Reset Monitors
2005
logo
Estek Electronics Co. L...
MAX809 ESTEK-MAX809 Datasheet
305Kb / 7P
3-PIN MICROPROCESSOR RESET MONITORS
logo
FOSLINK SEMICONDUCTOR C...
FSP2200 FOSLINK-FSP2200 Datasheet
131Kb / 7P
3 PIN MICROPROCESSOR RESET MONITORS
logo
Microchip Technology
TCM809 MICROCHIP-TCM809_13 Datasheet
249Kb / 16P
3-Pin Microcontroller Reset Monitors
11/29/12
logo
Unisonic Technologies
UIC812 UTC-UIC812 Datasheet
218Kb / 5P
4-PIN VOLTAGE MONITORS WITH MANUAL RESET INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com