Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2638 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2638
Description  Motherboard Power Supply Solution with a 5-Bit Programmable Switching Controller and Two Linear Regulator Controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2638 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2638 Datasheet HTML 1Page - National Semiconductor (TI) LM2638 Datasheet HTML 2Page - National Semiconductor (TI) LM2638 Datasheet HTML 3Page - National Semiconductor (TI) LM2638 Datasheet HTML 4Page - National Semiconductor (TI) LM2638 Datasheet HTML 5Page - National Semiconductor (TI) LM2638 Datasheet HTML 6Page - National Semiconductor (TI) LM2638 Datasheet HTML 7Page - National Semiconductor (TI) LM2638 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM2638
Motherboard Power Supply Solution with a 5-Bit
Programmable Switching Controller and Two Linear
Regulator Controllers
General Description
The LM2638 provides a comprehensive embedded power
supply solution for motherboards hosting high performance
MPUs such as Pentium™ II,MII™,K6™-2 and other similar
high performance MPUs. The LM2638 incorporates a 5-bit
programmable, synchronous buck switching controller and
two high-speed linear regulator controllers in a 24-pin SO
package. In a typical application, the switching controller
supplies the MPU core, and the linear regulator controllers
supply the GTL+ bus and the clock or graphics chip core. A
charge pump pin helps provide the necessary voltage to
power the linear sections when 12V is shut off during system
standby such as STR mode.
Switching Section — The switching regulator controller fea-
tures an Intel-compatible, 5-bit programmable output volt-
age, over-current and over-voltage protection, a power good
signal, and a logic-controlled output enable. There are two
user-selectable over-current protection methods. One pro-
vides accurate over-current protection with the use of an ex-
ternal sense resistor. The other saves cost by taking advan-
tage of the r
DS_ON of the high-side FET. When there is an
over voltage, the controller turns off the high side FET and
turns on the low side.
Linear Section — The two linear regulator controllers fea-
ture wide control bandwidth, N-FET and NPN transistor driv-
ing capability and an adjustable output. The wide control
bandwidth makes meeting the GTL+ bus transient response
requirement an easy job. In minimum configuration, the two
controllers default to 1.5V and 1.25V respectively.
Both linear controllers have under voltage latch-off.
Features
n Provides 3 regulated voltages
n Power Good flag and output enable
n Charge pump pin
Switching Section
n Synchronous rectification
n 5-bit DAC programmable down to 1.3V
n Typical ±1% DAC tolerance
n Switching frequency: 50 kHz to 1 MHz
n Over-voltage protection
n Two methods of over-current protection
n Adaptive non-overlapping FET gate drives
n Soft start without external capacitor
Linear Section
n N-FET and NPN drive capability
n Ultra fast response speed
n Under voltage latch-off at 0.63V
n Output voltages default to 1.5V and 2.5V yet adjustable
Applications
n Embedded power supplies for motherboards
n Triple DC/DC power supplies
n Programmable high current DC/DC power supply
Pin Configuration
MII™ is a trademark of Cyrix Corporation a wholly owned subsidiary of National Semiconductor Corporation.
Pentium™ is a trademark of Intel Corporation.
K6™ is a trademark of Advanced Micro Devices, Inc.
24-Lead SOIC
DS101034-1
Top View
Order Number LM2638M
See NS Package Number M24B
May 1999
© 1999 National Semiconductor Corporation
DS101034
www.national.com


Similar Part No. - LM2638

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2638 TI1-LM2638 Datasheet
353Kb / 8P
LM2638 Motherboard Power Supply Solution with a 5-Bit Programmable Switching Controller and Two Linear Regulator Controllers
LM2638MX TI1-LM2638MX Datasheet
353Kb / 8P
LM2638 Motherboard Power Supply Solution with a 5-Bit Programmable Switching Controller and Two Linear Regulator Controllers
More results

Similar Description - LM2638

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2637 NSC-LM2637 Datasheet
360Kb / 17P
Motherboard Power Supply Solution with a 5-Bit Programmable Switching Controller and Two Linear Regulator Controllers
logo
Analog Intergrations Co...
AIC1570 AIC-AIC1570 Datasheet
418Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
AIC1571 AIC-AIC1571 Datasheet
462Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
AIC1574 AIC-AIC1574 Datasheet
381Kb / 20P
5-bit DAC, Synchronous PWM Power Regulator with Triple Linear Controllers
logo
Silicon Standard Corp.
SS6571 SSC-SS6571 Datasheet
698Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
logo
Texas Instruments
PT7673 TI1-PT7673 Datasheet
187Kb / 9P
30-A 5-Bit Programmable Integrated Switching Regulator
LM2638MX TI1-LM2638MX Datasheet
353Kb / 8P
LM2638 Motherboard Power Supply Solution with a 5-Bit Programmable Switching Controller and Two Linear Regulator Controllers
logo
Analog Devices
ADP3153 AD-ADP3153_15 Datasheet
167Kb / 12P
5-Bit Programmable Dual Power Supply Controller
REV. 0
logo
Linear Technology
LTC1553 LINER-LTC1553_15 Datasheet
349Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller
LTC1553L LINER-LTC1553L_15 Datasheet
321Kb / 20P
5-Bit Programmable Synchronous Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com