Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS28F020 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMS28F020
Description  262144 BY 8-BIT FLASH MEMORY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F020 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS28F020 Datasheet HTML 8Page - Texas Instruments TMS28F020 Datasheet HTML 9Page - Texas Instruments TMS28F020 Datasheet HTML 10Page - Texas Instruments TMS28F020 Datasheet HTML 11Page - Texas Instruments TMS28F020 Datasheet HTML 12Page - Texas Instruments TMS28F020 Datasheet HTML 13Page - Texas Instruments TMS28F020 Datasheet HTML 14Page - Texas Instruments TMS28F020 Datasheet HTML 15Page - Texas Instruments TMS28F020 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
TMS28F020
262144 BY 8-BIT
FLASH MEMORY
SMJS020C – OCTOBER 1994 – REVISED JANUARY 1998
12
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, VCC (see Note 1)
– 0.6 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage range, VPP
– 0.6 V to 14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range (see Note 2): All inputs except A9
– 0.6 V to VCC + 1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
A9
– 0.6 V to 13.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range (see Note 3)
– 0.6 V to VCC + 1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range during read/erase/program, TA:
L
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
E
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Q
–40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to VSS.
2. The voltage on any input can undershoot to – 2 V for periods less than 20 ns.
3. The voltage on any output can overshoot to 7 V for periods less than 20 ns.
recommended operating conditions
MIN
TYP
MAX
UNIT
VCC
Supply voltage
During write / read / flash erase
45
5
55
V
VCC
Supply voltage
During write / read / flash erase
4.5
5
5.5
V
VPP
Supply voltage
During read only ( VPPL )
0
VCC + 2
V
VPP
Supply voltage
During write/read/flash erase (VPPH)
11.4
12
12.6
V
VIH
High level dc input voltage
TTL inputs
2
VCC + 0.5
V
VIH
High-level dc input voltage
CMOS inputs
VCC – 0.5
VCC + 0.5
V
VIL
Low level dc input voltage
TTL inputs
– 0.5
0.8
V
VIL
Low-level dc input voltage
CMOS inputs
GND – 0.2
GND + 0.2
V
VID
Voltage level on A9 for algorithm-selection mode
11.5
13
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com