Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS28F020 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS28F020
Description  262144 BY 8-BIT FLASH MEMORY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F020 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS28F020 Datasheet HTML 9Page - Texas Instruments TMS28F020 Datasheet HTML 10Page - Texas Instruments TMS28F020 Datasheet HTML 11Page - Texas Instruments TMS28F020 Datasheet HTML 12Page - Texas Instruments TMS28F020 Datasheet HTML 13Page - Texas Instruments TMS28F020 Datasheet HTML 14Page - Texas Instruments TMS28F020 Datasheet HTML 15Page - Texas Instruments TMS28F020 Datasheet HTML 16Page - Texas Instruments TMS28F020 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
TMS28F020
262144 BY 8-BIT
FLASH MEMORY
SMJS020C – OCTOBER 1994 – REVISED JANUARY 1998
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VOH
High level output voltage
IOH = – 2.5 mA
2.4
V
VOH
High-level output voltage
IOH = – 100 µA
VCC – 0.4
V
VOL
Low level output voltage
IOL = 5.8 mA
0.45
V
VOL
Low-level output voltage
IOL = 100 µA
0.1
V
IID
A9 algorithm-selection-mode current
A9 = VID max
200
µA
II
Input current (leakage)
All except A9
VI = 0 V to 5.5 V
±1
µA
II
Input current (leakage)
A9
VI = 0 V to 13 V
± 200
µA
IO
Output current (leakage)
VO = 0 V to VCC
±10
µA
IPP1
VPP supply current (read/standby)
VPP = VPPH,
Read mode
200
µA
IPP1
VPP supply current (read/standby)
VPP = VPPL
±10
µA
IPP2
VPP supply current (during program pulse) (see Note 4)
VPP = VPPH
30
mA
IPP3
VPP supply current (during flash erase) (see Note 4)
VPP = VPPH
30
mA
IPP4
VPP supply current (during program/erase verify)
(see Note 4)
VPP = VPPH
5
mA
ICCS
VCC supply current (standby)
TTL-input level
VCC = 5.5 V,
E = VIH
1
mA
ICCS
VCC supply current (standby)
CMOS-input level
VCC = 5.5 V,
E = VCC
100
µA
ICC1
VCC supply current (active read)
VCC = 5.5 V,
E = VIL,
f = 6 MHz,
IOUT = 0 mA
30
mA
ICC2
VCC average supply current (active write) (see Note 4)
VCC = 5.5 V,
E = VIL,
Programming in progress
10
mA
ICC3
VCC average supply current (flash erase) (see Note 4)
VCC = 5.5 V,
E = VIL,
Erasure in progress
15
mA
ICC4
VCC average supply current (program/erase verify)
(see Note 4)
VCC = 5.5 V,
E = VIL,
VPP = VPPH,
Program/erase verify in progress
15
mA
VLKO
VCC erase / write lockout voltage
VPP = VPPH
2.5
V
NOTE 4: Characterization data available
capacitance over recommended ranges of supply voltage and operating free-air temperature,
f = 1 MHz†
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Ci
Input capacitance
VI = 0 V
6
pF
Co
Output capacitance
VO = 0 V
12
pF
† Capacitance measurements are made on sample basis only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com