Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC870 Datasheet(PDF) 13 Page - Vitesse Semiconductor Corporation

Part # VSC870
Description  High Performance Serial Backplane Transceiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC870 Datasheet(HTML) 13 Page - Vitesse Semiconductor Corporation

Back Button VSC870 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC870 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC870 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC870 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC870 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC870 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC870 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC870 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC870 Datasheet HTML 17Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC870
High Performance Serial
Backplane Transceiver
G52190-0, Rev 4.1
Page 13
01/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
2.2.1 Packet Format
At both the transmit and receive sides, a start of packet is identified using a header word with TXTYP[1:0] and
RXTYP[1:0] set to “10”. Following this header word are the rest of the data words with TXTYP[1:0] and
RXTYP[1:0] set to “01”. This is shown in the table below.
Two general ways of transmitting a data packets are shown in the figure below. In the first example, when the
transceiver reads a CRQ word (which signals the start of a new packet) it waits for the ACK signal before
transmitting the header word. In the second example, the CRQ word is sent D words before the end of the packet in
order to utilize early arbitration and optimize the throughput. If there is no available packet for the next transmission,
a null CRQ word and a null header word are used as end of packet. Command words such as IDLEs can be
embedded inside the packet. On the receive side, the packets are delineated by the header word at the beginning and a
CRQ word at the end. The word sequence loaded into the VSC870 parallel interface is also shown in the figure below.
More details can be found in Application Note 31.
Figure 2: Packet Transmission Format
TXTYP[1:0]
RXTYP[1:0]
Transmit
B[1:0]
Receive
B[1:0]
Word Type
SCRAM = 1
SCRAM = 0
Error Check
0 0
0 0
0 0
Command Word
No Scramble
No Scramble
IDLE words
0 1
01 or 10
01,10,11
Data Word
Scramble
No Scramble
No
1 0
1 1
0 0
Header Word
No Scramble
No Scramble
No
1 1
0 0
0 0
Connection Request
No Scramble
No Scramble
No
11
CRQ
10
Header
01
D0
01
D1
01
DN
10
Header
01
D0
Example 1
Start of Packet
End of Packet
10
Header
01
D0
01
DN
11
CRQ
10
Header
01
D0
Example 2
Start of Packet
End of Packet
01
D(N-D)
D words before EOP
CRQ
CRQ
Start of Packet
Start of Packet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com