Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC870 Datasheet(PDF) 21 Page - Vitesse Semiconductor Corporation

Part # VSC870
Description  High Performance Serial Backplane Transceiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC870 Datasheet(HTML) 21 Page - Vitesse Semiconductor Corporation

Back Button VSC870 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC870 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC870 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC870 Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC870 Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC870 Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC870 Datasheet HTML 23Page - Vitesse Semiconductor Corporation VSC870 Datasheet HTML 24Page - Vitesse Semiconductor Corporation VSC870 Datasheet HTML 25Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC870
High Performance Serial
Backplane Transceiver
G52190-0, Rev 4.1
Page 21
01/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
as shown in Figure 3. If DLYEN/CCKIN is HIGH, it waits for N more cycles before it sets REN HIGH. If the counter
set by the CT[2:0] bits has expired and the transceiver has not received the ACK signal, it sends out a CRQ word with
AOA bit set LOW so that an ACK is returned if any output is granted. The transceiver keeps sending this CRQ word
until it receives the ACK signal. When the ACK is received, the transceiver sets the REN signal HIGH and sends the
header word and data to the switch for any output that was granted. This occurs right after receiving ACK if DLYEN/
CCKIN is LOW or N cycles later if DLYEN/CCKIN is HIGH. The table below shows the number of CRQ words sent
for each value of CT[2:0].
Recast Operation
If an ACK is not received before the CT[2:0] counter expires, the transceiver converts to recast mode. In this
mode, the memory system or FIFO should support retransmit capability. When the transceiver first reads the Header
word from the user interface, it sets the signal RTM/TCLK HIGH (Figure 5). This signal can be used to mark the
FIFO location of the first data word in this packet and not allow the user logic to overwrite this data packet in the
FIFO (see Application Note 31). The signal RTM/TCLK goes LOW when data has been sent to all requested
destinations or if ABORT signal is asserted HIGH. If during a multicast, the CT[2:0] counter expires and some
connections were not granted, an IDLE word or CRQ word will be returned to the transceiver from the switch chip
describing the current connection status of the port. Upon detecting the CRQ word for the next packet at the parallel
transmit interface, the transceiver will use this information from the switch to automatically form a new CRQ word
requesting the outputs that were not granted. This CRQ word will replace the CRQ word at the parallel interface and
is sent to the switch followed by remaining data if early arbitration is used. The process is repeated as if this is a new
multicast CRQ for the current Packet. Also in early arbitration mode, the CRQ for the next packet remains in the
external FIFO or memory system, and it is used after the last recast for the current packet. The ACK will toggle every
time the transceiver performs recast.
When the transceiver reads the header of the next packet, the RFM signal is toggled to set the FIFO pointer back
to the earlier location marked by RTM/TCLK in order to recast this packet to the new locations (Figure 6). Note that
the RTM/TCLK signal is set after the transceiver loads the Header word for the current packet. Therefor the header
word is lost and not retransmitted. During recast, this word will not be sent to the new locations if RTM/TCLK is
used to mark the retransmit location. Users can externally adjust the RTM/TCLK to account for this latency or use an
extra header word which will be lost during recast (see Application Note 31).
If the end of packet is reached before the connection information is returned from the switch, IDLE words will be
sent to the switch while waiting for this response word. The retransmission process will continue until the data has
been sent to all the requested destinations or ABORT is set HIGH. If ABORT is set HIGH (transmission is aborted),
all of the following data words will not be retransmitted and will be ignored. The transceiver will then look for the
next CRQ word at the parallel interface.
CT[2:0]
Number of
CRQ Words
CT[2:0]
Number of
CRQ Words
0 0 0
1
1 0 0
64
0 0 1
8
1 0 1
128
0 1 0
16
1 1 0
256
0 1 1
32
1 1 1
512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com