Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPS310 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # DPS310
Description  Digital Barometric Pressure Sensor for Portable Devices
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS310 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button DPS310 Datasheet HTML 8Page - Infineon Technologies AG DPS310 Datasheet HTML 9Page - Infineon Technologies AG DPS310 Datasheet HTML 10Page - Infineon Technologies AG DPS310 Datasheet HTML 11Page - Infineon Technologies AG DPS310 Datasheet HTML 12Page - Infineon Technologies AG DPS310 Datasheet HTML 13Page - Infineon Technologies AG DPS310 Datasheet HTML 14Page - Infineon Technologies AG DPS310 Datasheet HTML 15Page - Infineon Technologies AG DPS310 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
In order to achieve a higher precision, the DPS310 will read the sensor multiple times ( oversampling ), and
combine the readings into one result. This increases the current consumption and also the measurement time,
reducing the maximum possible measurement rate. It is necessary to balance the accuracy and data rate
required for each application with the allowable current consumption.
The measurement precision, rate and time is set in the Pressure Configuration (PRS_CFG) and Temperature
Configuration(TMP_CFG) registers. The register descriptions contain information about the current
consumption and the possible combinations of measurement precision, time, and rate.
Enabling temperature measurements allows for compensation of temperature drift in the pressure
measurement. The rates of these measurements can be set independently, but temperature compensation is
more accurate when temperature and pressure measurements are taken together. This reduces the maximum
pressure measurement rate, since: Ratetemperature*Timetemperature + Ratepressure*Timepressure< 1 second.
Measurement Settings and Use Case Examples contains a table with examples of combinations of pressure
and temperature precision and rates for different use cases.
In the figure below is described the Temperature and Pressure measurements sequence in background mode.
Figure 5
Background mode temperature and pressure measurements sequence
4.5
Sensor Interface
The DPS310 can be accessed as a slave device through mode '11' SPI 3-wire, SPI 4-wire, or I2C serial interface.
• I2C interface
- The sensor's default interface.
- The sensor's address is 0x77 (default) or 0x76 (if the SDO pin is pulled-down to GND).
• SPI interface
- The sensor will switch to SPI configuration if it detects an active low on the CSB pin. SPI 4-wire is the
default SPI interface.
- To enable SPI 3-wire configuration, a bit must be set in the Interrupt and FIFO configuration (CFG_REG)
register after start up.
More details about digital interfaces are available in the Digital interfaces.
4.6
Interrupt
The DPS310 can generate an interrupt when a new measurement result is available and/or when the FIFO is full.
The sensor uses the SDO pin for the interrupt signal, and interrupt is therefore not supported if the interface is 4-
wire SPI.
The interrupt is enabled and configured in the Interrupt and FIFO configuration (CFG_REG) register. In I2C
configuration the SDO pin serves as both interrupt and as the least significant bit in the device address. If the
SDO pin is pulled low the interrupt polarity must be set to active high and vice-versa.
The interrupt status can be read from the Interrupt Status (INT_STS) register.
DPS310 - Digital Pressure Sensor
Digital Barometric Pressure Sensor for Portable Devices
Functional Description
12
V1.0
2016-09-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com