Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPS310 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # DPS310
Description  Digital Barometric Pressure Sensor for Portable Devices
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS310 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button DPS310 Datasheet HTML 15Page - Infineon Technologies AG DPS310 Datasheet HTML 16Page - Infineon Technologies AG DPS310 Datasheet HTML 17Page - Infineon Technologies AG DPS310 Datasheet HTML 18Page - Infineon Technologies AG DPS310 Datasheet HTML 19Page - Infineon Technologies AG DPS310 Datasheet HTML 20Page - Infineon Technologies AG DPS310 Datasheet HTML 21Page - Infineon Technologies AG DPS310 Datasheet HTML 22Page - Infineon Technologies AG DPS310 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
Figure 10 Application Circuit Example using the SPI 3-wire with interrupt interface
Table 11
Component Values
Component
Symbol
Values
Unit Note / Test Condition
Min.
Typ.
Max.
Pull-up/down Resistor
R1, R2
10
KΩ
R3
100
KΩ
R3 is optional and will set
the address to 0x76 instead
of 0x77.
Supply Blocking Capacitor
C1, C2
100
100
nF
The blocking capacitors
should be placed as close
to the package pins as
possible.
5.3
IIR filtering
The air pressure is slowly changing due to weather conditions or short term changing like air turbulence created
by a fan, slamming a door or window. All these disturbances can be suppressed or triggered on the software
application level by implementing different IIR filtering.
Same sensor can be used by different software applications applying different IIR filtering to the raw data like
low pass, high pass or band pass filtering.
6
Digital interfaces
The DPS310 measurement data, calibration coefficients, Product ID and configuration registers can be accessed
through both the I2C and SPI serial interfaces.
The SPI interface can configured to operate in 3-wire or 4-wire mode. In I2C and SPI 3-wire, an interrupt output
can be implemented on the SDO pin. The SPI interface support mode '11' only ( CPOL=CPHA='1' ) in 4-wire and
3-wire configuration. The following commands are supported: single byte write, single byte read and multiple
byte read using auto increment from a specified start address. The interface selection is done based on CSB pin
status. If CSB is connected to VDDIO, the I2C interface is active. If CSB is low, the SPI interface is active. After the
CSB has been pulled down once the I2C interface is disabled until the next power-on-reset.
DPS310 - Digital Pressure Sensor
Digital Barometric Pressure Sensor for Portable Devices
Digital interfaces
19
V1.0
2016-09-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com