Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7738 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7738
Description  8-Channel, High Throughput,
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7738 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7738 Datasheet HTML 9Page - Analog Devices AD7738 Datasheet HTML 10Page - Analog Devices AD7738 Datasheet HTML 11Page - Analog Devices AD7738 Datasheet HTML 12Page - Analog Devices AD7738 Datasheet HTML 13Page - Analog Devices AD7738 Datasheet HTML 14Page - Analog Devices AD7738 Datasheet HTML 15Page - Analog Devices AD7738 Datasheet HTML 16Page - Analog Devices AD7738 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
REV. 0
AD7738
–13–
REGISTER DESCRIPTION
The AD7738 is configurable through a series of registers. Some of them configure and control general AD7738 features, others are
specific to each channel. The register data widths vary from 8 bits to 24 bits. All registers are accessed through the Communication
register, i.e., any communication to the AD7738 must start with a write to the Communication register, specifying which register
will be subsequently read or written.
Communications Register
8 Bits, Write-Only Register, Address 00h
All communications to the part must start with a write operation to the Communications register. The data written to the Commu-
nications register determines whether the subsequent operation will be a read or write and to which register this operation will be
directly placed. The digital interface defaults to expect write operation to the Communication register after power on, after reset, or
after the subsequent read or write operation to the selected register is complete. If the interface sequence is lost, the part can be reset
by writing at least 32 serial clock cycles with DIN high and
CS low (Note that all of the parts including modulator, filter, interface
and all registers are reset in this case). Remember to keep DIN low while reading 32 or more bits either in Continuous Read mode or
with the DUMP bit and “24/16” bit in the Mode register set.
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
0
R/
W
6-Bit Register Address
Bit
Mnemonic
Description
70
This bit must be zero for proper operation.
6R/
W
A zero in this bit indicates that the next operation will be a write to a specified register.
A one in this bit indicates that the next operation will be a read from a specified register.
5–0
Address
Address specifying to which register the read or write operation will be directed.
For channel specific registers the three LSBs, i.e., Bit 2, Bit 1, and Bit 0, specify the channel number.
When the subsequent operation writes to the Mode register, then the three LSBs specify the channel
selected for operation determined by the Mode register value. See Table X.
(The analog input’s configuration depends on the COM1, COM0 bits in the Channel Setup register.)
Table X.
Bit 2
Bit 1
Bit 0
Channel
Single Input
Differential Input
000
0
AIN0
AIN0–AIN1
001
1
AIN1
AIN2–AIN3
010
2
AIN2
AIN4–AIN5
011
3
AIN3
AIN6–AIN7
100
4
AIN4
AIN0–AIN1
101
5
AIN5
AIN2–AIN3
110
6
AIN6
AIN4–AIN5
111
7
AIN7
AIN6–AIN7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com