Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7738 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7738
Description  8-Channel, High Throughput,
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7738 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7738 Datasheet HTML 17Page - Analog Devices AD7738 Datasheet HTML 18Page - Analog Devices AD7738 Datasheet HTML 19Page - Analog Devices AD7738 Datasheet HTML 20Page - Analog Devices AD7738 Datasheet HTML 21Page - Analog Devices AD7738 Datasheet HTML 22Page - Analog Devices AD7738 Datasheet HTML 23Page - Analog Devices AD7738 Datasheet HTML 24Page - Analog Devices AD7738 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
REV. 0
AD7738
–21–
Single Conversion and Reading Data
When the Mode register is being written, the ADC Status Byte
is cleared and the
RDY pin goes high regardless of its previous
state. When the single conversion command is written to the
Mode register, the ADC starts the conversion on the channel
selected by the address of the Mode register. After the conversion
is completed, the Data register is updated, the Mode register is
changed to Idle mode, the relevant RDY bit is set, and the
RDY
pin goes low. The RDY bit is reset and the
RDY pin returns
high when the relevant Channel Data register is being read.
Figure 7 shows the digital interface signals executing a single
conversion on Channel 0, waiting for the
RDY pin low, and
reading the Channel 0 Data register.
Dump Mode
When the DUMP bit in the Mode register is set to 1, the Chan-
nel Status register will be read immediately by a read of the
Channel Data register regardless of whether the Status or the
Data register has been addressed through the Communication
register. The DIN pin should not be high while reading 24-bit
data in Dump mode. Otherwise the AD7738 will be reset.
Figure 8 shows the digital interface signals executing a single
conversion on Channel 0, waiting for for the
RDY pin low, and
reading the Channel 0 Status register and Data register in the
Dump mode.
DIN
SCLK
CS
DOUT
WRITE
COMMUNICATIONS
REGISTER
WRITE
MODE
REGISTER
RDY
CONVERSION
TIME
READ DATA
REGISTER
38h
40h
48h
(00h)
(00h)
DATA
DATA
WRITE
COMMUNICATIONS
REGISTER
Figure 7. Serial Interface Signals—Single Conversion Command and 16-Bit Data Reading
DIN
SCLK
CS
DOUT
WRITE
COMMUNICATIONS
REGISTER
WRITE
MODE
REGISTER
RDY
CONVERSION
TIME
READ DATA
REGISTER
38h
48h
48h
(00h)
(00h)
CH. STAT
DATA
WRITE
COMMUNICATIONS
REGISTER
READ
CHANNEL
STATUS
DATA
(00h)
Figure 8. Serial Interface Signals—Single Conversion Command, 16-Bit Data Reading, Dump Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com