Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP19035 Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP19035
Description  High-Speed Synchronous Buck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19035 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP19035_13 Datasheet HTML 21Page - Microchip Technology MCP19035_13 Datasheet HTML 22Page - Microchip Technology MCP19035_13 Datasheet HTML 23Page - Microchip Technology MCP19035_13 Datasheet HTML 24Page - Microchip Technology MCP19035_13 Datasheet HTML 25Page - Microchip Technology MCP19035_13 Datasheet HTML 26Page - Microchip Technology MCP19035_13 Datasheet HTML 27Page - Microchip Technology MCP19035_13 Datasheet HTML 28Page - Microchip Technology MCP19035_13 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
 2012-2013 Microchip Technology Inc.
DS22326B-page 25
MCP19035
5.
The first zero of the compensation network must
be placed at the fLC frequency. The capacitor C1
is calculated using Equation 5-27:
EQUATION 5-27:
CAPACITOR C1
6.
The value of the resistor R4 is estimated using
Equation 5-28:
EQUATION 5-28:
RESISTOR R4
7.
The second zero of the compensation network
must be placed at half of the fLC frequency. The
value of the capacitor C2 is calculated in
Equation 5-29:
EQUATION 5-29:
CAPACITOR C2
8.
The first pole of the compensation network must
be placed at fSW. The value of C3 is calculated in
Equation 5-30:
EQUATION 5-30:
CAPACITOR C3
9.
The second pole of the compensation network
must be placed at half of the fSW .The value for
resistor R3 is calculated in Equation 5-31:
EQUATION 5-31:
RESISTOR R3
The compensation circuit can be simulated with any
available simulator. The values of the components can
be adjusted to meet the initial design parameters
(crossover frequency and phase margin). It is also nec-
essary to ensure that the gain of the compensation cir-
cuit does not exceed the gain of the error amplifier. Due
to the interactions between poles and zeros, it is highly
recommended to use the design tool provided by
Microchip Technology Inc. to design and analyze the
compensation network.
C
1
LC
OUT
R
1
----------------------------
=
R
4
f
CO
f
LC
--------
1
V
IN
--------
R
1
=
Where:
fCO = cross-over frequency for the compensated
system (usually 1/10th of fSW)
C
2
2
LC
OUT
R
4
----------------------------
=
C
3
1
2
R
4
f
SW
------------------------------------------
=
R
3
1
C
1
f
SW
---------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com